Electronic Components Datasheet Search |
|
HPS15W-A3N-064 Datasheet(PDF) 2 Page - Emerson Network Power |
|
HPS15W-A3N-064 Datasheet(HTML) 2 Page - Emerson Network Power |
2 / 5 page ASIA Units 2111-2116, Level 21 Tower1, Metroplaza 223, Hing Fong Road Fwai Fong, New Territories Hong Kong Telephone: 852-2437-9662 Facsimile: 852-2402-4426 EUROPE Astec House, Waterfront Business Park Merry Hill, Dudley West Midlands, DY5 1LX, UK Telephone: 44 (1384) 842-211 Facsimile: 44 (1384) 843-355 AMERICAS 5810 Van Allen Way Carlsbad, CA 92008 Telephone: 760-930-4600 Facsimile: 760-930-0698 153 www.astecpower.com Watts 1000 1250 1500 Input voltage 85-264 90-264 180-264 Module ID HPS10 HPS12 HPS15 Code Volts Output Output Output Amps Amps Amps Q 24.0 41.7 52.1 62.5 R 28.0 35.7 44.6 53.6 S 30.0 33.3 41.7 50.0 W 48.0 20.8 26.0 31.3 X 54.0 18.5 23.1 27.8 Y 60.0 16.7 20.8 25.0 System Max. Size Max. System Module Standard Unit Code (H x W x L) Power Distribution Size Weight HPR3 5.22" x 19.0" x 14.0" 6000 W (4 ea) HPS10/12/15 3U 16.4 lbs Module Max. Size Max. Module Max. Number Unit Code (H x W x L) Power per Rack Weight (lbs) HPS10 5.04" x 3.83" x 12.5" 1000 W 4 10.5 HPS12 5.04" x 3.83" x 12.5" 1250 W 4 10.5 HPS15 5.04" x 3.83" x 12.5" 1500 W 4 10.5 Watts 4000 5000 6000 Input voltage 85-264 100-264 180-264 Module Used HPS10 HPS12 HPS15 Rack ID HPR3 HPR3 HPR3 Output Output Output Code Volts Amps Amps Amps Q 24.0 166.7 208.3 250.0 R 28.0 142.9 178.6 214.3 S 30.0 133.3 166.7 200.0 W 48.0 83.3 104.2 125.0 X 54.0 74.1 92.6 111.1 Y 60.0 66.7 83.3 100.0 Output Voltage Q = 24 V R = 28 V S = 30 V W = 48 V X = 54 V Y = 60 V Z = Consult factory I monitor N = None A = Current monitor Power 10 = 1000 W 12 = 1250 W 15 = 1500 W Redundancy N = None R = Or-ing diode Standard Options 000 = No options 001 = 3.3 Standby 002 = Short circuit latch-off 004 = Enable “0” 008 = (Inhibit/enable), DC OK “1” 016 = Fan fail signal (optional) 032 = I 2C interface 064 = AC line descriminator 128 = Temp OK “0” 256 = Module present “0” Note: for combinations of options simply add option codes together. Auxiliary Fan Voltage N = None 3 = 12 V @ 4 A 5 = 24 V @ 2 A HPS XXX Size 3 = 3U HPR Standard Options 00 = No options 01 = computer option Special Options & Modifications Contact Astec. XXX Special Options & Modifications Contact Astec. Notes: 1. Specifications subject to change without notice 2. All dimentions are in inches (mm), toleance is ± .02” 3. Specifications are at factory settings 4. Warranty: 1 Yr 5. For combinations of options simply add option codes together. -- - --- H HPPRR33 M Moodduullee BBllaannkk PPaanneell:: Astec P/N 73-536-026 H HPPRR33 LLooggiicc BBllaannkk PPaanneell:: Astec P/N 73-536-027 |
Similar Part No. - HPS15W-A3N-064 |
|
Similar Description - HPS15W-A3N-064 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |