Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2424 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2424
Description  4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2424 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2424 Datasheet HTML 6Page - Linear Technology LTC2424 Datasheet HTML 7Page - Linear Technology LTC2424 Datasheet HTML 8Page - Linear Technology LTC2424 Datasheet HTML 9Page - Linear Technology LTC2424 Datasheet HTML 10Page - Linear Technology LTC2424 Datasheet HTML 11Page - Linear Technology LTC2424 Datasheet HTML 12Page - Linear Technology LTC2424 Datasheet HTML 13Page - Linear Technology LTC2424 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
LTC2424/LTC2428
PIN FUNCTIONS
CSADC (Pin 23): ADC Chip Select Input. A low on this pin
enables the SDO digital output and following each conver-
sion, the ADC automatically enters the Sleep mode and
remains in a low power state as long as CSADC is high. If
CSADC is low during the sleep state, the device draws
normal power. A high on this pin also disables the SDO
digital output. A low-to-high transition on CSADC during
the Data Output state aborts the data transfer and starts a
new conversion. For normal operation, drive this pin in
parallel with CSMUX.
SDO (Pin 24): Three-State Digital Output. During the data
output period this pin is used for serial data output. When
the chip select CSADC is high (CSADC = VCC), the SDO pin
is in a high impedance state. During the Conversion and
Sleep periods, this pin can be used as a conversion status
output. The conversion status can be observed by pulling
CSADC low.
SCK (Pin 25): Shift Clock for Data Out. This clock synchro-
nizes the serial data transfer of the ADC data output. Data
is shifted out of SDO on the falling edge of SCK. For normal
operation, drive this pin in parallel with CLK.
FO (Pin 26): Digital input which controls the ADC’s notch
frequencies and conversion time. When the FO pin is
connected to VCC (FO = VCC), the converter uses its internal
oscillator and the digital filter first null is located at 50Hz.
When the FO pin is connected to GND (FO = OV), the
converter uses its internal oscillator and the digital filter
first null is located at 60Hz. When FO is driven by an
external clock signal with a frequency fEOSC, the converter
uses this signal as its clock and the digital filter first null is
located at a frequency fEOSC/2560. The resulting output
word rate is fEOSC/20510.
AUTOCALIBRATION
AND CONTROL
DECIMATING FIR
INTERNAL
OSCILLATOR
SERIAL
INTERFACE
CHANNEL
SELECT
ADC
DAC
GND
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
VCC
SDO
SCK
FSSET
ZSSET
CSADC
FO
(INT/EXT)
24248 BD
CSMUX
DIN
CLK
FU CTIO AL BLOCK DIAGRA
TEST CIRCUITS
3.4k
SDO
24248 TC01
Hi-Z TO VOH
VOL TO VOH
VOH TO Hi-Z
CLOAD = 20pF
3.4k
SDO
24248 TC02
Hi-Z TO VOL
VOH TO VOL
VOL TO Hi-Z
CLOAD = 20pF
VCC


Similar Part No. - LTC2424

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2424 LINER-LTC2424 Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2424C LINER-LTC2424C Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2424CG LINER-LTC2424CG Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2424I LINER-LTC2424I Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2424IG LINER-LTC2424IG Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
More results

Similar Description - LTC2424

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2428 LINER-LTC2428_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2420 LINER-LTC2420_09 Datasheet
395Kb / 36P
   20-Bit mPower No Latency DSTM ADC in SO-8
LTC2424 LINER-LTC2424 Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2420 LINER-LTC2420_15 Datasheet
367Kb / 28P
   20-Bit mPower No Latency ADC in SO-8
LTC2408 LINER-LTC2408_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
   4-/8-Channel 24-Bit uPower No Latency ADCs
LTC2404 LINER-LTC2404_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2414 LINER-LTC2414_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
LTC2418 LINER-LTC2418_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com