Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2366HS6-TRPBF Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2366HS6-TRPBF
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2366HS6-TRPBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2366HS6-TRPBF Datasheet HTML 12Page - Linear Technology LTC2366HS6-TRPBF Datasheet HTML 13Page - Linear Technology LTC2366HS6-TRPBF Datasheet HTML 14Page - Linear Technology LTC2366HS6-TRPBF Datasheet HTML 15Page - Linear Technology LTC2366HS6-TRPBF Datasheet HTML 16Page - Linear Technology LTC2366HS6-TRPBF Datasheet HTML 17Page - Linear Technology LTC2366HS6-TRPBF Datasheet HTML 18Page - Linear Technology LTC2366HS6-TRPBF Datasheet HTML 19Page - Linear Technology LTC2366HS6-TRPBF Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC2365/LTC2366
16
23656f
APPLICATIONS INFORMATION
SLEEP MODE
The LTC2365/LTC2366 provide a sleep mode to conserve
power during inactive periods. Upon power-up, holding
CS high initializes the ADC to sleep mode. In sleep mode,
all bias circuitry is shut down and only leakage currents
remain (0.1μA typ).
Entering Sleep Mode
The ADC achieves the fastest sampling rate in operational
mode (full power-up). The device can also be put into sleep
mode for power savings during inactive periods. To force
the LTC2365/LTC2366 into sleep mode, the user can inter-
rupt the conversion process by bringing CS high between
the 2nd and 10th falling edges of SCK (see Figures 13 and
14). If CS is brought high after the 10th falling edge and
before the 16th falling edge, the device remains powered
up, but the conversion is terminated and SDO returns to
the high impedance state.
Figure 13. LTC2365/LTC2366 Operational Mode
Figure 14. LTC2365/LTC2366 Entering Sleep Mode
12
16
14
12
10
VALID DATA
23656 F13
SCK
SDO
CS
SCK
SDO
12
16
14
12
10
Hi-Z STATE
CS
23656 F14


Similar Part No. - LTC2366HS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2366 LINER-LTC2366 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2366 LINER-LTC2366 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2366 LINER-LTC2366 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2366 LINER-LTC2366 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2366 LINER-LTC2366 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
More results

Similar Description - LTC2366HS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
   12-Bit, 2.5Msps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com