Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2360HS6-TRMPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2360HS6-TRMPBF
Description  100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2360HS6-TRMPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2360HS6-TRMPBF Datasheet HTML 1Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 2Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 3Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 4Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 5Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 6Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 7Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 8Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2360/LTC2361/LTC2362
4
236012f
DIGITAL INPUTS AND DIGITAL OUTPUTS The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
2.7V < VDD ≤ 3.6V
2.35V ≤ VDD ≤ 2.7V
l
l
2
1.7
V
V
VIL
Low Level Input Voltage
2.7V < VDD ≤ 3.6V
2.35V ≤ VDD ≤ 2.7V
l
l
0.8
0.7
V
V
IIH
High Level Input Current
VIN = VDD
l
2.5
μA
IIL
Low Level Input Current
VIN = 0V
l
–2.5
μA
CIN
Digital Input Capacitance
2pF
VOH
High Level Output Voltage
VDD = 2.35V to 3.6V, ISOURCE = 200μA
l
VDD – 0.2
V
VOL
Low Level Output Voltage
VDD = 2.35V to 3.6V, ISINK = 200μA
l
0.2
V
IOZ
Hi-Z Output Leakage
CONV = VDD
l
±3
μA
COZ
Hi-Z Output Capacitance
CONV = VDD
4pF
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
POWER REQUIREMENT The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
l
2.35
3.0
3.6
V
OVDD
Digital Output Supply Voltage
l
1.0V
3.6
V
IDD
Supply Current
Operational Mode, LTC2362
Operational Mode, LTC2361
Operational Mode, LTC2360
Sleep Mode
Sleep Mode
Sleep Mode
fSMPL = 500ksps
fSMPL = 250ksps
fSMPL = 100ksps
0°C to 70°C
–40°C to 85°C
–40°C to 125°C
l
l
l
l
l
l
1.1
0.75
0.5
0.1
0.1
0.1
2
1.5
1
2
2
5
mA
mA
mA
μA
μA
μA
PD
Power Dissipation
Operational Mode, LTC2362
Operational Mode, LTC2361
Operational Mode, LTC2360
Sleep Mode
Sleep Mode
Sleep Mode
fSMPL = 500ksps
fSMPL = 250ksps
fSMPL = 100ksps
0°C to 70°C
–40°C to 85°C
–40°C to 125°C
l
l
l
l
l
l
3.3
2.25
1.5
0.3
0.3
0.3
7.2
5.4
3.6
7.2
7.2
18
mW
mW
mW
μW
μW
μW


Similar Part No. - LTC2360HS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
More results

Similar Description - LTC2360HS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2361 LINER-LTC2361_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2362 LINER-LTC2362_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com