Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2360HS6-TRMPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2360HS6-TRMPBF
Description  100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2360HS6-TRMPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2360HS6-TRMPBF Datasheet HTML 1Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 2Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 3Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 4Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 5Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 6Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 7Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 8Page - Linear Technology LTC2360HS6-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2360/LTC2361/LTC2362
3
236012f
CONVERTER CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
l
12
Bits
Integral Linearity Error
(Notes 5, 6)
l
±0.25
±1
LSB
Differential Linearity Error
(Note 6)
l
±0.25
±1
LSB
Transition Noise
(Note 7)
0.25
LSBRMS
Offset Error
(Note 6)
l
1±3.5
LSB
Gain Error
(Note 6)
l
0.1
±2
LSB
Total Unadjusted Error
(Note 6)
l
1.1
±3.5
LSB
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Voltage
S6 Package
TS8 Package
l
l
–0.05
–0.05
VDD + 0.05
VREF + 0.05
V
IIN
Analog Input Leakage Current
CONV = High
l
±1
μA
CIN
Analog Input Capacitance
Between Conversions
During Conversions
20
4
pF
pF
VREF
Reference Input Voltage
TS8 Package
l
1.4
VDD + 0.05
V
IREF
Reference Input Leakage Current
TS8 Package
l
±1
μA
CREF
Reference Input Capacitance
TS8 Package
20
pF
tAP
Sample-and-Hold Aperture Delay Time
1
ns
tJITTER
Sample-and-Hold Aperture Delay Time Jitter
0.3
ns
ANALOG INPUT The l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio
fIN = 49kHz for LTC2360/LTC2361,
fIN = 100kHz for LTC2362
72
dB
SNR
Signal-to-Noise Ratio
fIN = 49kHz for LTC2360/LTC2361,
fIN = 100kHz for LTC2362
73
dB
THD
Total Harmonic Distortion
fIN = 49kHz for LTC2360/LTC2361,
fIN = 100kHz for LTC2362
–85
dB
SFDR
Spurious Free Dynamic Range
fIN = 49kHz for LTC2360/LTC2361,
fIN = 100kHz for LTC2362
86
dB
IMD
Intermodulation Distortion
fIN1 = 97kHz, fIN2 = 100kHz for LTC2362
fIN1 = 47kHz, fIN2 = 49kHz for LTC2360/LTC2361
–75
dB
Full-Power Bandwidth
at 3dB
at 0.1dB
10
2
MHz
MHz
Full-Linear Bandwidth
SINAD ≥ 68dB
1
MHz


Similar Part No. - LTC2360HS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
More results

Similar Description - LTC2360HS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2361 LINER-LTC2361_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2362 LINER-LTC2362_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com