Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2360IS6-TRMPBF Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2360IS6-TRMPBF
Description  100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2360IS6-TRMPBF Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2360IS6-TRMPBF Datasheet HTML 11Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 12Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 13Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 14Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 15Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 16Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 17Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 18Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC2360/LTC2361/LTC2362
15
236012f
APPLICATIONS INFORMATION
ACHIEVING MICROPOWER PERFORMANCE
With typical operating currents of 0.5mA, 0.75mA and
1.1mA for the LTC2360/LTC2361/LTC2362 and automati-
cally entering sleep mode right after a conversion, these
devices achieve extremely low power consumption over
a wide range of sample rates (see Figure 11). The sleep
mode allows the supply current to drop with reduced
sample rate. Several things must be taken into account
to achieve such low power consumption.
Minimize Power Consumption in Sleep Mode
The LTC2360/LTC2361/LTC2362 enter sleep mode after
each conversion if CONV remains high and draw only
leakage current (see Figure 10). If the CONV input is not
running rail-to-rail, the input logic buffer will draw current.
This current may be large compared to the typical supply
current. To obtain the lowest supply current, bring the CONV
pin to GND when it is low and to VDD when it is high.
After the conversion with CONV staying high, the converter
is in sleep mode and draws only leakage current. The status
of the SCK input has no effect on supply current during
this time. For the best performance, hold SCK either high
or low while the ADC is converting.
Minimize the Device Active Time
In systems that have significant time between conversions,
the ADC draws a minimal amount of power. Figures 12
and 13 show two ways to minimize the amount of time
the ADC draws power. In Figure 12, the ADC draws power
during tACQ and tCONV and is in sleep mode for the rest of
the time. The conversion results are available at the next
CONV falling edge. In Figure 13, the ADC draws twice the
power than that in Figure 12, but the conversion results
are available during tDATA. The user can use the fastest
SCK available in the system to shorten data transfer time,
tDATA as long as t4 and t7 are not violated.
SDO Loading
Capacitive loading on the digital output can increase power
consumption. A 100pF capacitor on the SDO pin can add
more than 50μA to the supply current at a 200kHz clock
frequency. An extra 50μA or so of current goes into charg-
ing and discharging the load capacitor. The same goes for
digital lines driven at a high frequency by any logic. The
C • V • f currents must be evaluated with the troublesome
ones minimized.
Figure 11. Supply Current vs Sample Rate
RECOMMENDED HIGH OR LOW
Hi-Z STATE
236012 F12
B11
CONV
SCK
SDO
12
3
4
9
10
11
12
B10
B9
B3
B2
B1
B0
SAMPLING INPUT AND
TRANSFERRING DATA
EXECUTING A CONVERSION AND PUTTING
THE DEVICE INTO SLEEP MODE
tACQ
tCONV
SLEEP MODE
tTHROUGHPUT = tACQ + tCONV + tSLEEPMODE
Figure 12. Minimize the Time When the Device Draws Power, While the Conversion Results are Available After the Device Wakes Up
SAMPLE RATE (ksps)
236012 TA01b
1200
1000
800
400
600
200
0
1
100
1000
10
VDD = OVDD = VREF = 3.6V
TA = 25°C
LTC2361
LTC2362
LTC2360


Similar Part No. - LTC2360IS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
More results

Similar Description - LTC2360IS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2361 LINER-LTC2361_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2362 LINER-LTC2362_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com