Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2360CS6-TRMPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2360CS6-TRMPBF
Description  100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2360CS6-TRMPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC2360CS6-TRMPBF Datasheet HTML 1Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 2Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 3Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 4Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 5Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 6Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 7Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 8Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2360/LTC2361/LTC2362
2
236012f
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD, OVDD)........................................4V
VREF and Analog Input Voltage
(Note 3).........................................–0.3V to (VDD + 0.3V)
Digital Input Voltage......................–0.3V to (VDD + 0.3V)
Digital Output Voltage ...................–0.3V to (VDD + 0.3V)
Power Dissipation ...............................................100mW
(Notes 1, 2)
ORDER INFORMATION
VDD 1
VREF 2
GND 3
AIN 4
8 CONV
7 SCK
6 SDO
5 OVDD
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 250°C/W
VDD 1
GND 2
AIN 3
6 CONV
5 SDO
4 SCK
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 250°C/W
PIN CONFIGURATION
Operating Temperature Range
LTC2360C/LTC2361C/LTC2362C .............. 0°C to 70°C
LTC2360I/LTC2361I/LTC2362I.............. –40°C to 85°C
LTC2360H/LTC2361H/LTC2362H (Note 12).. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2362CTS8#TRMPBF
LTC2362CTS8#TRPBF
LTDBV
8-Lead Plastic TSOT23
0°C to 70°C
LTC2362ITS8#TRMPBF
LTC2362ITS8#TRPBF
LTDBV
8-Lead Plastic TSOT23
-40°C to 85°C
LTC2362HTS8#TRMPBF
LTC2362HTS8#TRPBF
LTDBV
8-Lead Plastic TSOT23
-40°C to 125°C
LTC2362CS6#TRMPBF
LTC2362CS6#TRPBF
LTDGP
6-Lead Plastic TSOT23
0°C to 70°C
LTC2362IS6#TRMPBF
LTC2362IS6#TRPBF
LTDGP
6-Lead Plastic TSOT23
-40°C to 85°C
LTC2362HS6#TRMPBF
LTC2362HS6#TRPBF
LTDGP
6-Lead Plastic TSOT23
-40°C to 125°C
LTC2361CTS8#TRMPBF
LTC2361CTS8#TRPBF
LTDGM
8-Lead Plastic TSOT23
0°C to 70°C
LTC2361ITS8#TRMPBF
LTC2361ITS8#TRPBF
LTDGM
8-Lead Plastic TSOT23
-40°C to 85°C
LTC2361HTS8#TRMPBF
LTC2361HTS8#TRPBF
LTDGM
8-Lead Plastic TSOT23
-40°C to 125°C
LTC2361CS6#TRMPBF
LTC2361CS6#TRPBF
LTDGN
6-Lead Plastic TSOT23
0°C to 70°C
LTC2361IS6#TRMPBF
LTC2361IS6#TRPBF
LTDGN
6-Lead Plastic TSOT23
-40°C to 85°C
LTC2361HS6#TRMPBF
LTC2361HS6#TRPBF
LTDGN
6-Lead Plastic TSOT23
-40°C to 125°C
LTC2360CTS8#TRMPBF
LTC2360CTS8#TRPBF
LTDGJ
8-Lead Plastic TSOT23
0°C to 70°C
LTC2360ITS8#TRMPBF
LTC2360ITS8#TRPBF
LTDGJ
8-Lead Plastic TSOT23
-40°C to 85°C
LTC2360HTS8#TRMPBF
LTC2360HTS8#TRPBF
LTDGJ
8-Lead Plastic TSOT23
-40°C to 125°C
LTC2360CS6#TRMPBF
LTC2360CS6#TRPBF
LTDGK
6-Lead Plastic TSOT23
0°C to 70°C
LTC2360IS6#TRMPBF
LTC2360IS6#TRPBF
LTDGK
6-Lead Plastic TSOT23
-40°C to 85°C
LTC2360HS6#TRMPBF
LTC2360HS6#TRPBF
LTDGK
6-Lead Plastic TSOT23
-40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC2360CS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
More results

Similar Description - LTC2360CS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2361 LINER-LTC2361_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2362 LINER-LTC2362_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com