Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2365ITS8-TRMPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2365ITS8-TRMPBF
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365ITS8-TRMPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2365ITS8-TRMPBF Datasheet HTML 3Page - Linear Technology LTC2365ITS8-TRMPBF Datasheet HTML 4Page - Linear Technology LTC2365ITS8-TRMPBF Datasheet HTML 5Page - Linear Technology LTC2365ITS8-TRMPBF Datasheet HTML 6Page - Linear Technology LTC2365ITS8-TRMPBF Datasheet HTML 7Page - Linear Technology LTC2365ITS8-TRMPBF Datasheet HTML 8Page - Linear Technology LTC2365ITS8-TRMPBF Datasheet HTML 9Page - Linear Technology LTC2365ITS8-TRMPBF Datasheet HTML 10Page - Linear Technology LTC2365ITS8-TRMPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2365/LTC2366
7
23656f
TA = 25°C, VDD = OVDD = VREF (LTC2366, Note 4)
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
Integral and Differential
Nonlinearity vs Supply Voltage
Histogram for 16384 Conversions
SNR vs Input Frequency
SINAD vs Input Frequency
THD vs Input Frequency
THD vs Input Resistance
1MHz Sine Wave 8192 FFT Plot
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
1024
2048
23656 G10
–0.6
0.6
0.8
0.2
3072
4096
VDD = 3V
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
1024
2048
23656 G11
–0.6
0.6
0.8
0.2
3072
4096
VDD = 3V
SUPPLY VOLTAGE (V)
2.1
0.2
0.6
1.0
3.3
23656 G12
–0.2
–0.6
0
0.4
0.8
–0.4
–0.8
–1.0
2.4
2.7
3.0
3.6
MIN INL
MAX DNL
MIN DNL
MAX INL
CODE
2045
0
2000
4000
6000
8000
10000
2046
2047
2048
2049
23656 G13
2050
VDD = 3V
INPUT FREQUENCY (kHz)
100
72.6
72.8
23656 G14
72.4
72.2
1000 1500
73.2
73.0
VDD = 2.35V
VDD = 3.6V
VDD = 3V
INPUT FREQUENCY (kHz)
100
70.0
70.5
71.0
71.5
72.0
72.5
73.0
1000 1500
23656 G15
VDD = 2.35V
VDD = 3.6V
VDD = 3V
INPUT FREQUENCY (kHz)
100
–80
–78
-76
1500
23656 G16
–82
–84
–88
1000
–86
–72
–74
VDD = 2.35V
VDD = 3.6V
VDD = 3V
RIN = 10Ω
fSMPL = 3Msps
INPUT RESISTANCE (Ω)
0
–70
–68
–64
75
23656 G17
–72
–74
25
50
100
–76
–78
–66
VDD = 3V
fSMPL = 3Msps
fIN = 1.5MHz
INPUT FREQUENCY (kHz)
0
0
–20
–40
–60
–80
–100
–120
–140
750
1250
23656 G18
250
500
1000
1500
VDD = 3V
fSMPL = 3Msps
fIN = 994kHz
SINAD = 72dB
THD = –80.3dB


Similar Part No. - LTC2365ITS8-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
1Mb / 18P
   2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
More results

Similar Description - LTC2365ITS8-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
   12-Bit, 2.5Msps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com