Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2366HS6-TRMPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2366HS6-TRMPBF
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2366HS6-TRMPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2366HS6-TRMPBF Datasheet HTML 4Page - Linear Technology LTC2366HS6-TRMPBF Datasheet HTML 5Page - Linear Technology LTC2366HS6-TRMPBF Datasheet HTML 6Page - Linear Technology LTC2366HS6-TRMPBF Datasheet HTML 7Page - Linear Technology LTC2366HS6-TRMPBF Datasheet HTML 8Page - Linear Technology LTC2366HS6-TRMPBF Datasheet HTML 9Page - Linear Technology LTC2366HS6-TRMPBF Datasheet HTML 10Page - Linear Technology LTC2366HS6-TRMPBF Datasheet HTML 11Page - Linear Technology LTC2366HS6-TRMPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2365/LTC2366
8
23656f
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs SCK Frequency
Input Power Bandwidth
TA = 25°C, VDD = OVDD = VREF
(LTC2365/LTC2366, Note 4)
Reference Current vs SCK
Frequency (TS8 Package)
Integral and Differential
Nonlinearity vs Reference
Voltage (TS8 Package)
Integral and Differential
Nonlinearity vs Reference
Voltage (TS8 Package)
SCK FREQUENCY (MHz)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
10
20
30
40
23656 G19
50
VDD = 2.35V
VDD = 3.6V
VDD = 3V
SCK FREQUENCY (MHz)
0
150
200
250
40
23656 G20
100
50
0
510 15 20 25 30 35
45 50
VDD = 2.35V
VDD = 3.6V
VDD = 3V
16 SCKS PER CONVERSION
REFERENCE VOLTAGE (V)
0.6
0.2
0.6
1.0
3.0
23656 G21
–0.2
–0.6
0
0.4
0.8
–0.4
–0.8
–1.0
1.2
1.8
2.4
3.6
MIN DNL
MAX DNL
MIN INL
MAX INL
LTC2365, VDD = 3.6V
REFERENCE VOLTAGE (V)
0.6
0.2
0.6
1.0
3.0
23656 G22
–0.2
–0.6
0
0.4
0.8
–0.4
–0.8
–1.0
1.2
1.8
2.4
3.6
MIN DNL
MAX DNL
MIN INL
MAX INL
LTC2366, VDD = 3.6V
INPUT FREQUENCY (MHz)
1
–10
–8
–6
–4
–2
0
2
10
100
23656 G23
VDD = 3V
LTC2366
LTC2365


Similar Part No. - LTC2366HS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2366 LINER-LTC2366 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2366 LINER-LTC2366 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2366 LINER-LTC2366 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2366 LINER-LTC2366 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2366 LINER-LTC2366 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
More results

Similar Description - LTC2366HS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
   12-Bit, 2.5Msps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com