Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2366HTS8-TRMPBF Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2366HTS8-TRMPBF
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2366HTS8-TRMPBF Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2366HTS8-TRMPBF Datasheet HTML 16Page - Linear Technology LTC2366HTS8-TRMPBF Datasheet HTML 17Page - Linear Technology LTC2366HTS8-TRMPBF Datasheet HTML 18Page - Linear Technology LTC2366HTS8-TRMPBF Datasheet HTML 19Page - Linear Technology LTC2366HTS8-TRMPBF Datasheet HTML 20Page - Linear Technology LTC2366HTS8-TRMPBF Datasheet HTML 21Page - Linear Technology LTC2366HTS8-TRMPBF Datasheet HTML 22Page - Linear Technology LTC2366HTS8-TRMPBF Datasheet HTML 23Page - Linear Technology LTC2366HTS8-TRMPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC2365/LTC2366
24
23656f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0408 • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC1402
12-Bit, 2.2Msps Serial ADC
5V or ±5V Supply, 4.096V or ±2.5V Span
LTC1403/LTC1403A
12-/14-Bit, 2.8Msps Serial Sampling ADC
3V, Differential Input, 12mW, MSOP Package
LTC1407/LTC1407A
12-/14-Bit, 3Msps Simultaneous Sampling ADC
3V, 2-Channel Differential, 14mW, MSOP Package
LTC1860
12-Bit, 250ksps Serial ADC
5V Supply, 1-Channel, 4.3mW, MSOP-8 Package
LTC1860L
12-Bit, 150ksps Serial ADC
3V Supply, 1-Channel, 1.3mW, MSOP-8 Package
LTC1861
12-Bit, 250ksps Serial ADC
5V Supply, 2-Channel, 4.3mW, MSOP-8 Package
LTC1861L
12-Bit, 150ksps Serial ADC
3V Supply, 2-Channel, 1.3mW, MSOP-8 Package
LTC1863
12-Bit, 200ksps Serial ADC 8-Channel ADC
5V Supply, 6.5mW, SSOP-16 Package, Pin Compatible to LTC1863L, LTC1867
LTC1863L
12-Bit, 250ksps Serial ADC 8-Channel ADC
5V Supply, 2.2mW, SSOP-16 Package, Pin Compatible to LTC1863, LTC1867L
LTC1864/LTC1865
16-Bit, 250ksps Serial ADC
5V Supply, 1 and 2 Channel, 4.3mW, MSOP Package
LTC1867
16-Bit, 200ksps Serial ADC 8-Channel ADC
5V Supply, 6.5mW, SSOP-16 Package, Pin Compatible to LTC1863, LTC1867L
LTC1867L
16-Bit, 175ksps Serial ADC 8-Channel ADC
3V Supply, 2.2mW, SSOP-16 Package, Pin Compatible to LTC1863L, LTC1867
LTC2355/LTC2356
12-/14-Bit, 3.5Msps Serial ADC
3.3V Supply, Differential Input, 18mW, MSOP Package
LTC2360/LTC2361/LTC2362 12-Bit, 100/250/500ksps Serial ADC in TSOT
3V Supply, Pin- and Software-Compatible to LTC2365/LTC2366
DACs
LTC1592
16-Bit, Serial SoftSpan
IOUT DAC
±1LSB INL/DNL, Software Selectable Spans
LTC1666/LTC1667/LTC1668 12-/14-/16-Bit, 50Msps DACs
87dB SFDR, 20ns Settling Time
LTC2630
12-/10-/8-Bit Single VOUT DACs
SC70 6-Pin Package, Internal Reference, ±1LSB INL (12 Bits)
References
LT1460-2.5
Micropower Series Voltage Reference
0.1% Initial Accuracy, 10ppm Drift
LT1461-2.5
Precision Voltage Reference
0.05% Initial Accuracy, 3ppm Drift
LT1790-2.5
Micropower Series Reference in SOT-23
0.05% Initial Accuracy, 10ppm Drift
LT6660
Ultra-Tiny Micropower Series Reference
2mm × 2mm DFN Package, 0.2% Initial Accuracy, 10ppm Drift
SoftSpan is a trademark of Linear Technology Corporation.
TYPICAL APPLICATION
Low-Jitter Clock Timing with RF Sine Generator Using Clock
Squaring/Level Shifting Circuit and Re-Timing Flip-Flop
PRE
VCC
1k
1k
50Ω
VCC
NL17SZ74
CONVERT ENABLE
NC7SVU04P5X
MASTER CLOCK
0.1μF
CONV
LTC2366
CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
D
Q
Q
CONV
SCK
SDO
100Ω
NC7SVU04P5X
CLR
2365/2366 TA02
RELATED PARTS


Similar Part No. - LTC2366HTS8-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2366 LINER-LTC2366 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2366 LINER-LTC2366 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2366 LINER-LTC2366 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2366 LINER-LTC2366 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2366 LINER-LTC2366 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
More results

Similar Description - LTC2366HTS8-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
   12-Bit, 2.5Msps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com