Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2401IMS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2401IMS
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2401IMS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2401IMS Datasheet HTML 5Page - Linear Technology LTC2401IMS Datasheet HTML 6Page - Linear Technology LTC2401IMS Datasheet HTML 7Page - Linear Technology LTC2401IMS Datasheet HTML 8Page - Linear Technology LTC2401IMS Datasheet HTML 9Page - Linear Technology LTC2401IMS Datasheet HTML 10Page - Linear Technology LTC2401IMS Datasheet HTML 11Page - Linear Technology LTC2401IMS Datasheet HTML 12Page - Linear Technology LTC2401IMS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
LTC2401/LTC2402
PIN FUNCTIONS
SCK (Pin 9): Bidirectional Digital Clock Pin. In the Internal
Serial Clock Operation mode, SCK is used as digital output
for the internal serial interface clock during the data output
period. In the External Serial Clock Operation mode, SCK
is used as digital input for the external serial interface. An
internal pull-up current source is automatically activated
in Internal Serial Clock Operation mode. The Serial Clock
mode is determined by the level applied to SCK at power
up and the falling edge of CS.
FO (Pin 10): Frequency Control Pin. Digital input that
controls the ADC’s notch frequencies and conversion
time. When the FO pin is connected to VCC (FO = VCC), the
converter uses its internal oscillator and the digital filter’s
first null is located at 50Hz. When the FO pin is connected
to GND (FO = 0V), the converter uses its internal oscillator
and the digital filter’s first null is located at 60Hz. When FO
is driven by an external clock signal with a frequency fEOSC,
the converter uses this signal as its clock and the digital
filter first null is located at a frequency fEOSC/2560.
FUNCTIONAL BLOCK DIAGRA
TEST CIRCUITS
3.4k
SDO
24012 TC01
Hi-Z TO VOH
VOL TO VOH
VOH TO Hi-Z
CLOAD = 20pF
3.4k
SDO
24012 TC02
Hi-Z TO VOL
VOH TO VOL
VOL TO Hi-Z
CLOAD = 20pF
VCC
AUTOCALIBRATION
AND CONTROL
DAC
DECIMATING FIR
INTERNAL
OSCILLATOR
SERIAL
INTERFACE
ADC
GND
VCC
VIN
SDO
SCK
VREF
CS
FO
(INT/EXT)
24012 FD


Similar Part No. - LTC2401IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2401IMS LINER-LTC2401IMS Datasheet
171Kb / 12P
   1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
More results

Similar Description - LTC2401IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2401 LINER-LTC2401_15 Datasheet
364Kb / 32P
   1-/2-Channel 24-Bit Power No Latency ADCs in MSOP-10
LTC2401 LINER-LTC2401 Datasheet
171Kb / 12P
   1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
LTC2402 LINER-LTC2402_15 Datasheet
364Kb / 32P
   1-/2-Channel 24-Bit Power No Latency ADCs in MSOP-10
LTC2422 LINER-LTC2422_15 Datasheet
377Kb / 32P
   1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
LTC2421 LINER-LTC2421 Datasheet
368Kb / 32P
   1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
LTC2421 LINER-LTC2421_15 Datasheet
377Kb / 32P
   1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
   mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC2420 LINER-LTC2420_15 Datasheet
367Kb / 28P
   20-Bit mPower No Latency ADC in SO-8
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com