Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2366CTS8-TRMPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2366CTS8-TRMPBF
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2366CTS8-TRMPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2366CTS8-TRMPBF Datasheet HTML 5Page - Linear Technology LTC2366CTS8-TRMPBF Datasheet HTML 6Page - Linear Technology LTC2366CTS8-TRMPBF Datasheet HTML 7Page - Linear Technology LTC2366CTS8-TRMPBF Datasheet HTML 8Page - Linear Technology LTC2366CTS8-TRMPBF Datasheet HTML 9Page - Linear Technology LTC2366CTS8-TRMPBF Datasheet HTML 10Page - Linear Technology LTC2366CTS8-TRMPBF Datasheet HTML 11Page - Linear Technology LTC2366CTS8-TRMPBF Datasheet HTML 12Page - Linear Technology LTC2366CTS8-TRMPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC2365/LTC2366
9
23656f
PIN FUNCTIONS
LTC2365/LTC2366 (S6 Package)
VDD (Pin 1): Positive Supply. The VDD range is 2.35V to
3.6V. VDD also defines the input span of the ADC, 0V to
VDD. Bypass to GND and to a solid ground plane with a
10μF ceramic capacitor (or 10μF tantalum in parallel with
0.1μF ceramic).
GND (Pin 2): Ground. The GND pin must be tied directly
to a solid ground plane.
AIN (Pin 3): Analog Input. AIN is a single-ended input with
respect to GND with a range from 0V to VDD.
SCK (Pin 4): Shift Clock Input. The SCK serial clock ad-
vances the conversion process. SDO data transitions on
the falling edge of SCK.
SDO (Pin 5): Three-state Serial Data Output. The A/D
conversion result is shifted out on SDO as a serial data
stream with MSB first. The data stream consists of two
leading zeros followed by 12 bits of conversion data and
two trailing zeros.
CS (Pin 6): Chip Select Input. This active low signal starts
a conversion on the falling edge and frames the serial
data transfer.
LTC2365/LTC2366 (TS8 Package)
VDD (Pin 1): Positive Supply. The VDD range is 2.35V to
3.6V. Bypass to GND and to a solid ground plane with a
10μF ceramic capacitor (or 10μF tantalum in parallel with
0.1μF ceramic).
VREF (Pin 2): Reference Input. VREF defines the input
span of the ADC, 0V to VREF and the VREF range is 1.4V
to VDD. Bypass to GND and to a solid ground plane with
a 4.7μF ceramic capacitor (or 4.7μF tantalum in parallel
with 0.1μF ceramic).
GND (Pin 3): Ground. The GND pin must be tied directly
to a solid ground plane.
AIN (Pin 4): Analog Input. AIN is a single-ended input with
respect to GND with a range from 0V to VREF.
OVDD (Pin 5): Output Driver Supply for SDO. The OVDD
range is 1V to 3.6V. Bypass to GND and to a solid ground
plane with a 4.7μF ceramic capacitor (or 4.7μF tantalum
in parallel with 0.1μF ceramic).
SDO (Pin 6): Three-state Serial Data Output. The A/D
conversion result is shifted out on SDO as a serial data
stream with MSB first. The data stream consists of two
leading zeros followed by 12 bits of conversion data and
two trailing zeros.
SCK (Pin 7): Shift Clock Input. The SCK serial clock ad-
vances the conversion process. SDO data transitions on
the falling edge of SCK.
CS (Pin 8): Chip Select Input. This active low signal starts
a conversion on the falling edge and frames the serial
data transfer.


Similar Part No. - LTC2366CTS8-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2366 LINER-LTC2366 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2366 LINER-LTC2366 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2366 LINER-LTC2366 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2366 LINER-LTC2366 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2366 LINER-LTC2366 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
More results

Similar Description - LTC2366CTS8-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
   12-Bit, 2.5Msps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com