Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2295UP Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2295UP
Description  Dual 14-Bit, 10Msps Low Power 3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2295UP Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2295UP Datasheet HTML 14Page - Linear Technology LTC2295UP Datasheet HTML 15Page - Linear Technology LTC2295UP Datasheet HTML 16Page - Linear Technology LTC2295UP Datasheet HTML 17Page - Linear Technology LTC2295UP Datasheet HTML 18Page - Linear Technology LTC2295UP Datasheet HTML 19Page - Linear Technology LTC2295UP Datasheet HTML 20Page - Linear Technology LTC2295UP Datasheet HTML 21Page - Linear Technology LTC2295UP Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC2295
2295fa
18
APPLICATIO S I FOR ATIO
Digital Output Multiplexer
The digital outputs of the LTC2295 can be multiplexed onto
a single data bus. The MUX pin is a digital input that swaps
the two data busses. If MUX is High, Channel A comes out
on DA0-DA13, OFA; Channel B comes out on DB0-DB13,
OFB. If MUX is Low, the output busses are swapped and
Channel A comes out on DB0-DB13, OFB; Channel B comes
out on DA0-DA13, OFA. To multiplex both channels onto
a single output bus, connect MUX, CLKA and CLKB together
(see the Timing Diagram for the multiplexed mode). The
multiplexed data is available on either data bus—the un-
used data bus can be disabled with its OE pin.
Grounding and Bypassing
The LTC2295 requires a printed circuit board with a clean,
unbroken ground plane. A multilayer board with an inter-
nal ground plane is recommended. Layout for the printed
circuit board should ensure that digital and analog signal
lines are separated as much as possible. In particular, care
should be taken not to run any digital track alongside an
analog signal track or underneath the ADC.
High quality ceramic bypass capacitors should be used
at the VDD, OVDD, VCM, REFH, and REFL pins. Bypass
capacitors must be located as close to the pins as possible.
Of particular importance is the 0.1
µF capacitor between
REFH and REFL. This capacitor should be placed as close
to the device as possible (1.5mm or less). A size 0402
ceramic capacitor is recommended. The large 2.2
µF
capacitor between REFH and REFL can be somewhat
further away. The traces connecting the pins and bypass
capacitors must be kept short and should be made as wide
as possible.
The LTC2295 differential inputs should run parallel and
close to each other. The input traces should be as short as
possible to minimize capacitance and to minimize noise
pickup.
Heat Transfer
Most of the heat generated by the LTC2295 is transferred
from the die through the bottom-side exposed pad and
package leads onto the printed circuit board. For good
electrical and thermal performance, the exposed pad
should be soldered to a large grounded pad on the PC
board. It is critical that all ground pins are connected to a
ground plane of sufficient area.


Similar Part No. - LTC2295UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
More results

Similar Description - LTC2295UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2245 LINER-LTC2245 Datasheet
516Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290_15 Datasheet
762Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290 Datasheet
757Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225 Datasheet
515Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2284 LINER-LTC2284 Datasheet
703Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2299 LINER-LTC2299 Datasheet
713Kb / 24P
   Dual 14-Bit, 80Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com