Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2351-12 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2351-12
Description  6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2351-12 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2351-12 Datasheet HTML 3Page - Linear Technology LTC2351-12 Datasheet HTML 4Page - Linear Technology LTC2351-12 Datasheet HTML 5Page - Linear Technology LTC2351-12 Datasheet HTML 6Page - Linear Technology LTC2351-12 Datasheet HTML 7Page - Linear Technology LTC2351-12 Datasheet HTML 8Page - Linear Technology LTC2351-12 Datasheet HTML 9Page - Linear Technology LTC2351-12 Datasheet HTML 10Page - Linear Technology LTC2351-12 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC2351-12
235112f
PI FU CTIO S
SDO (Pin 1): Three-State Serial Data Output. Each set of
six output data words represent the six analog input
channels at the start of the previous conversion. Data for
CH0 comes out first and data for CH5 comes out last. Each
data word comes out MSB first.
OGND (Pin 2): Ground Return for SDO Currents. Connect
to the solid ground plane.
OVDD (Pin 3): Power Supply for the SDO Pin. OVDD must
be no more than 300mV higher than VDD and can be
brought to a lower voltage to interface to low voltage logic
families. The unloaded high state at SDO is at the potential
of OVDD.
CH0+ (Pin 4): Non-Inverting Channel 0. CH0+ operates
fully differentially with respect to CH0with a 0V to 2.5V,
or
±1.25V differential swing and a 0V to VDD absolute
input range.
CH0(Pin 5): Inverting Channel 0. CH0operates fully
differentially with respect to CH0+ with a –2.5V to 0V,
or
±1.25V differential swing and a 0V to VDD absolute
input range.
GND (Pins 6, 9, 12, 13, 16, 19): Analog Grounds. These
ground pins must be tied directly to the solid ground plane
under the part. Analog signal currents flow through these
connections.
CH1+ (Pin 7): Non-Inverting Channel 1. CH1+ operates
fully differentially with respect to CH1with a 0V to 2.5V,
or
±1.25V differential swing and a 0V to VDD absolute
input range.
CH1(Pin 8): Inverting Channel 1. CH1operates fully
differentially with respect to CH1+ with a –2.5V to 0V,
or
±1.25V differential swing and a 0V to VDD absolute
input range.
CH2+ (Pin 10): Non-Inverting Channel 2. CH2+ operates
fully differentially with respect to CH2with a 0V to 2.5V,
or
±1.25V differential swing and a 0V to VDD absolute
input range.
CH2(Pin 11): Inverting Channel 2. CH2operates fully
differentially with respect to CH2+ with a –2.5V to 0V, or
±1.25V differential swing and a 0V to VDD absolute
input range.
CH3+ (Pin 14): Non-Inverting Channel 3. CH3+ operates
fully differentially with respect to CH3with a 0V to 2.5V,
or
±1.25V differential swing and a 0V to VDD absolute
input range.
CH3(Pin 15): Inverting Channel 3. CH3operates fully
differentially with respect to CH3+ with a –2.5V to 0V, or
±1.25V differential swing and a 0V to VDD absolute
input range.
CH4+ (Pin 17): Non-Inverting Channel 4. CH4+ operates
fully differentially with respect to CH4with a 0V to 2.5V,
or
±1.25V differential swing and a 0V to VDD absolute input
range.
CH4(Pin 18): Inverting Channel 4. CH4operates fully
differentially with respect to CH4+ with a –2.5V to 0V, or
±1.25V differential swing and a 0V to VDD absolute input
range.
CH5+ (Pin 20): Non-Inverting Channel 5. CH5+ operates
fully differentially with respect to CH5with a 0V to 2.5V,
or
±1.25V differential swing and a 0V to VDD absolute input
range.
CH5(Pin 21): Inverting Channel 5. CH5operates fully
differentially with respect to CH5+ with a –2.5V to 0V, or
±1.25V differential swing and a 0V to VDD absolute input
range.
GND (PIN 22): Analog Ground for Reference. Analog
ground must be tied directly to the solid ground plane
under the part. Analog signal currents flow through this
connection. The 10
µF reference bypass capacitor should
be returned to this pad.
VREF (Pin 23): 2.5V Internal Reference. Bypass to GND
and a solid analog ground plane with a 10
µF ceramic
capacitor (or 10
µF tantalum in parallel with 0.1µF ce-
ramic). Can be overdriven by an external reference voltage
between 2.55V and VDD, VCC.
VCC (Pin 24): 3V Positive Analog Supply. This pin supplies
3V to the analog section. Bypass to the solid analog
ground plane with a 10
µF ceramic capacitor (or 10µF
tantalum) in parallel with 0.1
µF ceramic. Care should be
taken to place the 0.1
µF bypass capacitor as close to
Pin 24 as possible. Pin 24 must be tied to Pin 25.


Similar Part No. - LTC2351-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
More results

Similar Description - LTC2351-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
LTC2351-14 LINER-LTC2351-14_15 Datasheet
244Kb / 20P
   6-Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC1408-12 LINER-LTC1408-12 Datasheet
275Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2320-12 LINER-LTC2320-12 Datasheet
1Mb / 32P
   Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
LTC1408 LINER-LTC1408_15 Datasheet
506Kb / 20P
   6 Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1402 LINER-LTC1402_1 Datasheet
285Kb / 24P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
LTC1402 LINER-LTC1402 Datasheet
251Kb / 20P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com