Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2261UJ-12 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2261UJ-12
Description  12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2261UJ-12 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2261UJ-12 Datasheet HTML 5Page - Linear Technology LTC2261UJ-12 Datasheet HTML 6Page - Linear Technology LTC2261UJ-12 Datasheet HTML 7Page - Linear Technology LTC2261UJ-12 Datasheet HTML 8Page - Linear Technology LTC2261UJ-12 Datasheet HTML 9Page - Linear Technology LTC2261UJ-12 Datasheet HTML 10Page - Linear Technology LTC2261UJ-12 Datasheet HTML 11Page - Linear Technology LTC2261UJ-12 Datasheet HTML 12Page - Linear Technology LTC2261UJ-12 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC2261-12
LTC2260-12/LTC2259-12
9
226112f
TIMING DIAGRAMS
A6
tS
tDS
A5
A4
A3
A2
A1
A0
XX
D7
D6
D5
D4
D3
D2
D1
D0
XX
XX
XX
XX
XX
XX
XX
CS
SCK
SDI
R/W
SDO
HIGH IMPEDANCE
SPI Port Timing (Readback Mode)
SPI Port Timing (Write Mode)
tDH
tDO
tSCK
tH
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
226112 TD04
CS
SCK
SDI
R/W
SDO
HIGH IMPEDANCE
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2261-12: Integral
Nonlinearity (INL)
LTC2261-12: Differential
Nonlinearity (DNL)
LTC2261-12: 8k Point FFT, fIN = 5MHz
–1dBFS, 125Msps
OUTPUT CODE
0
–1.0
–0.4
–0.6
–0.8
–0.2
0
0.2
0.8
0.4
0.6
1.0
1024
2048
3072
4096
226112 G01
OUTPUT CODE
0
–1.0
–0.4
–0.2
–0.6
–0.8
0
0.4
0.2
0.6
0.8
1.0
1024
2048
3072
4096
226112 G02
FREQUENCY (MHz)
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
226112 G03
0
10
20
30
40
50
60


Similar Part No. - LTC2261UJ-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2261UJ-14 LINER-LTC2261UJ-14 Datasheet
467Kb / 32P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
More results

Similar Description - LTC2261UJ-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2259-12 LINER-LTC2259-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-12 LINER-LTC2260-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14_1208 LINER-LTC2261-14_1208 Datasheet
506Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259-14 LINER-LTC2259-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-14 LINER-LTC2260-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14 Datasheet
467Kb / 32P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2163 LINER-LTC2163_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
LTC2165 LINER-LTC2165_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com