Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2290CUP Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2290CUP
Description  Dual 12-Bit, 10Msps Low Power 3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2290CUP Datasheet(HTML) 5 Page - Linear Technology

  LTC2290CUP Datasheet HTML 1Page - Linear Technology LTC2290CUP Datasheet HTML 2Page - Linear Technology LTC2290CUP Datasheet HTML 3Page - Linear Technology LTC2290CUP Datasheet HTML 4Page - Linear Technology LTC2290CUP Datasheet HTML 5Page - Linear Technology LTC2290CUP Datasheet HTML 6Page - Linear Technology LTC2290CUP Datasheet HTML 7Page - Linear Technology LTC2290CUP Datasheet HTML 8Page - Linear Technology LTC2290CUP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2290
5
2290fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fs
Sampling Frequency
(Note 9)
1
10
MHz
tL
CLK Low Time
Duty Cycle Stabilizer Off
40
50
500
ns
Duty Cycle Stabilizer On (Note 7)
5
50
500
ns
tH
CLK High Time
Duty Cycle Stabilizer Off
40
50
500
ns
Duty Cycle Stabilizer On (Note 7)
5
50
500
ns
tAP
Sample-and-Hold Aperture Delay
0
nS
tD
CLK to DATA Delay
CL = 5pF (Note 7)
1.4
2.7
5.4
ns
tMD
MUX to DATA Delay
CL = 5pF (Note 7)
1.4
2.7
5.4
ns
Data Access Time After OE
CL = 5pF (Note 7)
4.3
10
ns
BUS Relinquish Time
(Note 7)
3.3
8.5
ns
Pipeline Latency
5
Cycles
POWER REQUIRE E TS The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 8)
TI I G CHARACTERISTICS The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with GND and OGND
wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3V, fSAMPLE = 10MHz, input range = 2VP-P with differential
drive, unless otherwise noted.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 6: Offset error is the offset voltage measured from –0.5 LSB when
the output code flickers between 0000 0000 0000 and 1111 1111 1111.
Note 7: Guaranteed by design, not subject to test.
Note 8: VDD = 3V, fSAMPLE = 10MHz, input range = 1VP-P with differential
drive. The supply current and power dissipation are the sum total for both
channels with both channels active.
Note 9: Recommended operating conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Analog Supply Voltage
(Note 9)
2.7
3
3.4
V
OVDD
Output Supply Voltage
(Note 9)
0.5
3
3.6
V
IVDD
Supply Current
Both ADCs at fS(MAX)
40
46
mA
PDISS
Power Dissipation
Both ADCs at fS(MAX)
120
138
mW
PSHDN
Shutdown Power (Each Channel)
SHDN = H, OE = H, No CLK
2
mW
PNAP
Nap Mode Power (Each Channel)
SHDN = H, OE = L, No CLK
15
mW


Similar Part No. - LTC2290CUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2290 LINER-LTC2290_15 Datasheet
762Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
More results

Similar Description - LTC2290CUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2290 LINER-LTC2290_15 Datasheet
762Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225 Datasheet
515Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295 Datasheet
676Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2245 LINER-LTC2245 Datasheet
516Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2282 LINER-LTC2282 Datasheet
456Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2283 LINER-LTC2283 Datasheet
578Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2282 LINER-LTC2282_15 Datasheet
469Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com