Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2281IUP-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2281IUP-TRPBF
Description  Dual 10-Bit, 125Msps Low Power 3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2281IUP-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2281IUP-TRPBF Datasheet HTML 4Page - Linear Technology LTC2281IUP-TRPBF Datasheet HTML 5Page - Linear Technology LTC2281IUP-TRPBF Datasheet HTML 6Page - Linear Technology LTC2281IUP-TRPBF Datasheet HTML 7Page - Linear Technology LTC2281IUP-TRPBF Datasheet HTML 8Page - Linear Technology LTC2281IUP-TRPBF Datasheet HTML 9Page - Linear Technology LTC2281IUP-TRPBF Datasheet HTML 10Page - Linear Technology LTC2281IUP-TRPBF Datasheet HTML 11Page - Linear Technology LTC2281IUP-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2281
8
2281fb
PIN FUNCTIONS
AINA+ (Pin 1): Channel A Positive Differential Analog
Input.
AINA– (Pin 2): Channel A Negative Differential Analog
Input.
REFHA (Pins 3, 4): Channel A High Reference. Short to-
gether and bypass to Pins 5, 6 with a 0.1μF ceramic chip
capacitor as close to the pin as possible. Also bypass to
Pins 5, 6 with an additional 2.2μF ceramic chip capacitor
and to ground with a 1μF ceramic chip capacitor.
REFLA (Pins 5, 6): Channel A Low Reference. Short to-
gether and bypass to Pins 3, 4 with a 0.1μF ceramic chip
capacitor as close to the pin as possible. Also bypass to
Pins 3, 4 with an additional 2.2μF ceramic chip capacitor
and to ground with a 1μF ceramic chip capacitor.
VDD (Pins 7, 10, 18, 63): Analog 3V Supply. Bypass to
GND with 0.1μF ceramic chip capacitors.
CLKA (Pin 8): Channel A Clock Input. The input sample
starts on the positive edge.
CLKB (Pin 9): Channel B Clock Input. The input sample
starts on the positive edge.
REFLB (Pins 11, 12): Channel B Low Reference. Short
together and bypass to Pins 13, 14 with a 0.1μF ceramic
chip capacitor as close to the pin as possible. Also by-
pass to Pins 13, 14 with an additional 2.2μF ceramic
chip capacitor and to ground with a 1μF ceramic chip
capacitor.
REFHB (Pins 13, 14): Channel B High Reference. Short
together and bypass to Pins 11, 12 with a 0.1μF ceramic
chip capacitor as close to the pin as possible. Also by-
pass to Pins 11, 12 with an additional 2.2μF ceramic
chip capacitor and to ground with a 1μF ceramic chip
capacitor.
AINB– (Pin 15): Channel B Negative Differential Analog
Input.
AINB+ (Pin 16): Channel B Positive Differential Analog
Input.
GND (Pins 17, 64): ADC Power Ground.
SENSEB (Pin 19): Channel B Reference Programming Pin.
Connecting SENSEB to VCMB selects the internal reference
and a ±0.5V input range. VDD selects the internal reference
and a ±1V input range. An external reference greater than
0.5V and less than 1V applied to SENSEB selects an input
range of ±VSENSEB. ±1V is the largest valid input range.
VCMB (Pin 20): Channel B 1.5V Output and Input Common
Mode Bias. Bypass to ground with 2.2μF ceramic chip
capacitor. Do not connect to VCMA.
MUX (Pin 21): Digital Output Multiplexer Control. If MUX is
High, Channel A comes out on DA0-DA9; Channel B comes
out on DB0-DB9. If MUX is Low, the output busses are
swapped and Channel A comes out on DB0-DB9; Channel
B comes out on DA0-DA9. To multiplex both channels
onto a single output bus, connect MUX, CLKA and CLKB
together. (This is not recommended at clock frequencies
above 80Msps.)
SHDNB (Pin 22): Channel B Shutdown Mode Selection
Pin. Connecting SHDNB to GND and OEB to GND results
in normal operation with the outputs enabled. Connecting
SHDNB to GND and OEB to VDD results in normal operation
with the outputs at high impedance. Connecting SHDNB
to VDD and OEB to GND results in nap mode with the
outputs at high impedance. Connecting SHDNB to VDD
and OEB to VDD results in sleep mode with the outputs
at high impedance.
OEB (Pin 23): Channel B Output Enable Pin. Refer to
SHDNB pin function.
NC (Pins 24 to 27, 41 to 44): Do not connect these
pins.
DB0 – DB9 (Pins 28 to 30, 33 to 39): Channel B Digital
Outputs. DB9 is the MSB.
OGND (Pins 31, 50): Output Driver Ground.
OVDD (Pins 32, 49): Positive Supply for the Output Drivers.
Bypass to ground with 0.1μF ceramic chip capacitor.
CLKOUT (Pin 40): Data Ready Clock Output. Latch data
on the falling edge of CLKOUT. CLKOUT is derived from
CLKB. Tie CLKA to CLKB for simultaneous operation.
DA0 – DA9 (Pins 45 to 48, 51 to 56): Channel A Digital
Outputs. DA9 is the MSB.
OF (Pin 57): Overflow/Underflow Output. High when an
overflow or underflow has occurred on either channel A
or channel B.


Similar Part No. - LTC2281IUP-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
   Dual 10-Bit, 125Msps Low Power 3V ADC
More results

Similar Description - LTC2281IUP-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
   Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283 Datasheet
578Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Linear Technology
LTC2280 LINER-LTC2280_15 Datasheet
711Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com