Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2272IUJ Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2272IUJ
Description  16-Bit, 80Msps/65Msps Serial Output ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2272IUJ Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2272IUJ Datasheet HTML 5Page - Linear Technology LTC2272IUJ Datasheet HTML 6Page - Linear Technology LTC2272IUJ Datasheet HTML 7Page - Linear Technology LTC2272IUJ Datasheet HTML 8Page - Linear Technology LTC2272IUJ Datasheet HTML 9Page - Linear Technology LTC2272IUJ Datasheet HTML 10Page - Linear Technology LTC2272IUJ Datasheet HTML 11Page - Linear Technology LTC2272IUJ Datasheet HTML 12Page - Linear Technology LTC2272IUJ Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
LTC2273/LTC2272
9
22732f
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2273: 64k Point 2-Tone FFT,
fIN = 14.01MHz and 15.8MHz,
–15dBFS, PGA = 0
LTC2273: 64k Point FFT,
fIN = 70MHz, –1dBFS, PGA = 0
LTC2273: 64k Point FFT,
fIN = 70MHz, –1dBFS, PGA = 1
LTC2273: 128k Point FFT,
fIN = 70MHz, –20dBFS,
PGA = 0, Dither “Off”
LTC2273: 128k Point FFT,
fIN = 70MHz, –20dBFS,
PGA = 0, Dither “On”
LTC2273: 64k Point FFT,
fIN = 140.2MHz, –1dBFS, PGA = 1
LTC2273: SFDR vs Input Level,
fIN = 140MHz, PGA = 1,
Dither “Off”
LTC2273: SFDR vs Input Level,
fIN = 140MHz, PGA = 1,
Dither “On”
LTC2273: 64k Point FFT,
fIN = 170.2MHz, –1dBFS, PGA = 1
FREQUENCY (MHz)
0
10
20
30
40
22732
G10
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
10
20
30
40
22732
G11
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
10
20
30
40
22732
G12
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
10
20
30
40
22732
G13
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
10
20
30
40
22732
G14
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
10
20
30
40
22732
G15
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT LEVEL (dBFS)
–80 –70 –60 –50 –40 –30 –20 –10
0
22732
G16
30
40
50
60
70
80
90
100
110
120
130
140
INPUT LEVEL (dBFS)
–80 –70 –60 –50 –40 –30 –20 –10
0
22732
G17
30
40
50
60
70
80
90
100
110
120
130
140
FREQUENCY (MHz)
0
10
20
30
40
22732
G18
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
VDD = 3.3V, OVDD = 1.5V, TA = 25°C, FS = 80Msps,
unless otherwise noted.


Similar Part No. - LTC2272IUJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
More results

Similar Description - LTC2272IUJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2273 LINER-LTC2273_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2259-16 LINER-LTC2259-16 Datasheet
323Kb / 28P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
LTC2259-16 LINER-LTC2259-16_15 Datasheet
367Kb / 30P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com