Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2285IUP Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2285IUP
Description  Dual 14-Bit, 135Msps Low Power 3.3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2285IUP Datasheet(HTML) 3 Page - Linear Technology

  LTC2285IUP Datasheet HTML 1Page - Linear Technology LTC2285IUP Datasheet HTML 2Page - Linear Technology LTC2285IUP Datasheet HTML 3Page - Linear Technology LTC2285IUP Datasheet HTML 4Page - Linear Technology LTC2285IUP Datasheet HTML 5Page - Linear Technology LTC2285IUP Datasheet HTML 6Page - Linear Technology LTC2285IUP Datasheet HTML 7Page - Linear Technology LTC2285IUP Datasheet HTML 8Page - Linear Technology LTC2285IUP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2285IUP#3CGPBF
3
2285iup#3cgpbf
ANALOG INPUT The l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ –AIN–)
2.85V < VDD < 3.4V (Note 7)
±0.5V to ±1V
V
VIN,CM
Analog Input Common Mode (AIN+ +AIN–)/2
Differential Input Drive (Note 7)
Single Ended Input Drive (Note 7)
1
0.5
1.5
1.5
1.9
2
V
V
IIN
Analog Input Leakage Current
0V < AIN+, AIN– < VDD
–1
1
μA
ISENSE
SENSEA, SENSEB Input Leakage
0V < SENSEA, SENSEB < 1V
–3
3
μA
IMODE
MODE Input Leakage Current
0V < MODE < VDD
–3
3
μA
tAP
Sample-and-Hold Acquisition Delay Time
0
ns
tJITTER
Sample-and-Hold Acquisition Delay Time Jitter
0.2
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
80
dB
Full Power Bandwidth
Figure 8 Test Circuit
640
MHz
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input
72.4
dB
30MHz Input
72.3
dB
70MHz Input
70
72.2
dB
140MHz Input
71.7
dB
SFDR
Spurious Free Dynamic Range
2nd or 3rd Harmonic
5MHz Input
88
dB
30MHz Input
85
dB
70MHz Input
70
82
dB
140MHz Input
78
dB
SFDR
Spurious Free Dynamic Range
4th Harmonic or Higher
5MHz Input
90
dB
30MHz Input
90
dB
70MHz Input
77
90
dB
140MHz Input
90
dB
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
5MHz Input
72.2
dB
30MHz Input
72
dB
70MHz Input
67
71.9
dB
140MHz Input
70.2
dB
IMD
Intermodulation Distortion
fIN = 40MHz, 41MHz
85
dB
Crosstalk
fIN = 100MHz
–110
dB


Similar Part No. - LTC2285IUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2285IUP LINER-LTC2285IUP Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285IUP-PBF LINER-LTC2285IUP-PBF Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285IUP-TR LINER-LTC2285IUP-TR Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285IUP-TRPBF LINER-LTC2285IUP-TRPBF Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
More results

Similar Description - LTC2285IUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2234 LINER-LTC2234_15 Datasheet
610Kb / 24P
   10-Bit, 135Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
   12-Bit, 135Msps ADC
LTC2224 LINER-LTC2224 Datasheet
610Kb / 24P
   12-Bit, 135Msps ADC
LTC2234 LINER-LTC2234 Datasheet
605Kb / 24P
   10-Bit, 135Msps ADC
logo
Maxim Integrated Produc...
MAX12553 MAXIM-MAX12553 Datasheet
1Mb / 28P
   14-Bit, 65Msps, 3.3V ADC
Rev 0; 8/04
MAX12555 MAXIM-MAX12555 Datasheet
762Kb / 28P
   14-Bit, 95Msps, 3.3V ADC
Rev 0; 10/04
logo
Linear Technology
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2299 LINER-LTC2299 Datasheet
713Kb / 24P
   Dual 14-Bit, 80Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com