Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2280IUP Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2280IUP
Description  Dual 10-Bit, 105Msps Low Noise 3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2280IUP Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2280IUP Datasheet HTML 6Page - Linear Technology LTC2280IUP Datasheet HTML 7Page - Linear Technology LTC2280IUP Datasheet HTML 8Page - Linear Technology LTC2280IUP Datasheet HTML 9Page - Linear Technology LTC2280IUP Datasheet HTML 10Page - Linear Technology LTC2280IUP Datasheet HTML 11Page - Linear Technology LTC2280IUP Datasheet HTML 12Page - Linear Technology LTC2280IUP Datasheet HTML 13Page - Linear Technology LTC2280IUP Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2280
10
2280fa
tAPB
B + 1
B + 2
B + 4
B + 3
B
ANALOG
INPUT B
tAPA
A + 1
A – 5
B – 5
B – 5
A – 5
A – 4
B – 4
B – 4
A – 4
A – 3
B – 3
B – 3
A – 3
A – 2
B – 2
B – 2
A – 2
A – 1
B – 1
A + 2
A + 4
A + 3
A
ANALOG
INPUT A
tH
tD
tMD
tL
CLKA = CLKB = MUX
D0A-D9A, OFA
2280 TD02
D0B-D9B, OFB
tAP
N + 1
N + 2
N + 4
N + 3
N + 5
N
ANALOG
INPUT
tH
tD
tL
N – 4
N – 3
N – 2
N – 1
CLK
D0-D9, OF
2280 TD01
N – 5
N
Dual Digital Output Bus Timing
(Only One Channel is Shown)
TI I G DIAGRA S
Multiplexed Digital Output Bus Timing


Similar Part No. - LTC2280IUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2280 LINER-LTC2280_15 Datasheet
711Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
More results

Similar Description - LTC2280IUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2280 LINER-LTC2280_15 Datasheet
711Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
LTC2284 LINER-LTC2284 Datasheet
703Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2284 LINER-LTC2284_15 Datasheet
712Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2282 LINER-LTC2282 Datasheet
456Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2282 LINER-LTC2282_15 Datasheet
469Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2289 LINER-LTC2289 Datasheet
661Kb / 24P
   Dual 10-Bit, 80Msps Low Noise 3V ADC
LTC2289 LINER-LTC2289_15 Datasheet
666Kb / 24P
   Dual 10-Bit, 80Msps Low Noise 3V ADC
LTC2250 LINER-LTC2250 Datasheet
620Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2250 LINER-LTC2250_15 Datasheet
602Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2251 LINER-LTC2251_15 Datasheet
602Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com