Electronic Components Datasheet Search |
|
LTC2246H Datasheet(PDF) 5 Page - Linear Technology |
|
LTC2246H Datasheet(HTML) 5 Page - Linear Technology |
5 / 16 page LTC2246H 5 2246hfa Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: All voltage values are with respect to ground with GND and OGND wired together (unless otherwise noted). Note 3: When these pin voltages are taken below GND or above VDD, they will be clamped by internal diodes. This product can handle input currents of greater than 100mA below GND or above VDD without latchup. Note 4: VDD = 3V, fSAMPLE = 25MHz, input range = 2VP-P with differential drive, unless otherwise noted. Note 5: Integral nonlinearity is defined as the deviation of a code from a straight line passing through the actual endpoints of the transfer curve. The deviation is measured from the center of the quantization band. Note 6: Offset error is the offset voltage measured from –0.5 LSB when the output code flickers between 00 0000 0000 0000 and 11 1111 1111 1111. Note 7: Guaranteed by design, not subject to test. Note 8: VDD = 3V, fSAMPLE = 25MHz, input range = 1VP-P with differential drive. Note 9: Recommended operating conditions. TYPICAL PERFORMANCE CHARACTERISTICS Typical INL, 2V Range, 25Msps Typical DNL, 2V Range, 25Msps 8192 Point FFT, fIN = 5MHz, –1dB, 2V Range, 25Msps 8192 Point FFT, fIN = 30MHz, –1dB, 2V Range, 25Msps 8192 Point FFT, fIN = 70MHz, –1dB, 2V Range, 25Msps 8192 Point FFT, fIN = 140MHz, –1dB, 2V Range, 25Msps CODE 0 12288 2246H G01 4096 8192 16384 2.0 1.5 1.0 0.5 0 –0.5 –1.0 –1.5 –2.0 CODE 0 12288 2246H G02 4096 8192 16384 1.00 0.75 0.50 0.25 0 –0.25 –0.50 –0.75 –1.00 FREQUENCY (MHz) 0 2246H G03 24 68 10 12 0 –10 –20 –30 –40 –50 –60 –70 –80 –90 –100 –110 –120 FREQUENCY (MHz) 0 2246H G04 24 68 10 12 0 –10 –20 –30 –40 –50 –60 –70 –80 –90 –100 –110 –120 FREQUENCY (MHz) 0 2246H G05 24 68 10 12 0 –10 –20 –30 –40 –50 –60 –70 –80 –90 –100 –110 –120 FREQUENCY (MHz) 0 2246H G06 24 68 10 12 0 –10 –20 –30 –40 –50 –60 –70 –80 –90 –100 –110 –120 ELECTRICAL CHARACTERISTICS |
Similar Part No. - LTC2246H |
|
Similar Description - LTC2246H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |