Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2245CUH Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2245CUH
Description  14-Bit, 10Msps Low Power 3V ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2245CUH Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2245CUH Datasheet HTML 2Page - Linear Technology LTC2245CUH Datasheet HTML 3Page - Linear Technology LTC2245CUH Datasheet HTML 4Page - Linear Technology LTC2245CUH Datasheet HTML 5Page - Linear Technology LTC2245CUH Datasheet HTML 6Page - Linear Technology LTC2245CUH Datasheet HTML 7Page - Linear Technology LTC2245CUH Datasheet HTML 8Page - Linear Technology LTC2245CUH Datasheet HTML 9Page - Linear Technology LTC2245CUH Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2245
6
2245fa
TYPICAL PERFOR A CE CHARACTERISTICS
8192 Point FFT, fIN = 70.1MHz,
–1dB, 2V Range
Grounded Input Histogram
SNR vs Input Frequency, –1dB,
2V Range
8192 Point 2-Tone FFT,
fIN = 4.3MHz and 4.6MHz,
–1dB, 2V Range
SFDR vs Input Frequency, –1dB,
2V Range
SNR and SFDR vs Sample Rate,
2V Range, fIN = 5MHz, –1dB
FREQUENCY (MHz)
0
–60
–40
–20
0
4
2245 G04
–80
–100
–70
–50
–30
–10
–90
–110
–120
1
2
3
5
FREQUENCY (MHz)
0
–60
–40
–20
0
4
2245 G05
–80
–100
–70
–50
–30
–10
–90
–110
–120
1
2
3
5
CODE
25000
20000
15000
10000
5000
0
8182
8181
6919
22016
8186
8185
8184
13373
8183
2245 G06
8180
8179
43
853
278
3227
18803
INPUT FREQUENCY (MHz)
0
65
66
68
69
70
75
72
20
40
50
2245 G07
67
73
74
71
10
30
60
70
INPUT FREQUENCY (MHz)
0
85
90
100
30
50
2245 G08
80
75
10
20
40
60
70
70
65
95
SAMPLE RATE (Msps)
0
60
70
80
90
100
SFDR
SNR
2468
2225 G09
10
12
14
SNR vs Input Level, fIN = 5MHz,
2V Range
SFDR vs Input Level, fIN = 5MHz,
2V Range
INPUT LEVEL (dBFS)
–70
dBFS
dBc
–40
2245 G10
40
20
–60
–50
–30
10
0
80
70
60
50
30
–20
–10
0
INPUT LEVEL (dBFS)
–80
40
100
110
120
dBFS
dBc
–20
2245 G11
20
10
80
60
30
90
0
70
50
–60
–40
0
100dBc SFDR
REFERENCE LINE


Similar Part No. - LTC2245CUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
More results

Similar Description - LTC2245CUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295 Datasheet
676Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225 Datasheet
515Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290_15 Datasheet
762Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290 Datasheet
757Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
   14-Bit, 80Msps Low Power 3V ADC
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
   14-Bit, 80Msps Low Power 3V ADC
logo
Samsung semiconductor
BW1254X SAMSUNG-BW1254X Datasheet
225Kb / 18P
   0.35關m 14-BIT 10MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com