Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2242UP-12 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2242UP-12
Description  12-Bit, 250Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2242UP-12 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2242UP-12 Datasheet HTML 7Page - Linear Technology LTC2242UP-12 Datasheet HTML 8Page - Linear Technology LTC2242UP-12 Datasheet HTML 9Page - Linear Technology LTC2242UP-12 Datasheet HTML 10Page - Linear Technology LTC2242UP-12 Datasheet HTML 11Page - Linear Technology LTC2242UP-12 Datasheet HTML 12Page - Linear Technology LTC2242UP-12 Datasheet HTML 13Page - Linear Technology LTC2242UP-12 Datasheet HTML 14Page - Linear Technology LTC2242UP-12 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC2242-12
11
224212f
DIFF
REF
AMP
REF
BUF
2.2
µF
1
µF
0.1
µF
0.1
µF
1
µF
INTERNAL CLOCK SIGNALS
REFH
REFL
DIFFERENTIAL
INPUT
LOW JITTER
CLOCK
DRIVER
RANGE
SELECT
1.25V
REFERENCE
FIRST PIPELINED
ADC STAGE
FIFTH PIPELINED
ADC STAGE
FOURTH PIPELINED
ADC STAGE
SECOND PIPELINED
ADC STAGE
ENC+
REFHA
REFLB
REFLA REFHB
ENC
SHIFT REGISTER
AND CORRECTION
OE
M0DE
OGND
OF
OVDD
D11
D0
CLKOUT
224212 F01
INPUT
S/H
SENSE
VCM
AIN
AIN
+
2.2
µF
THIRD PIPELINED
ADC STAGE
OUTPUT
DRIVERS
CONTROL
LOGIC
LVDS SHDN
+
+
+
+
VDD
GND
FUNCTIONAL BLOCK DIAGRA
Figure 1. Functional Block Diagram


Similar Part No. - LTC2242UP-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2242UP-10 LINER-LTC2242UP-10 Datasheet
500Kb / 28P
   10-Bit, 250Msps ADC
More results

Similar Description - LTC2242UP-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
857Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
992Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA112P25M RENESAS-ISLA112P25M Datasheet
891Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com