Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2241CUP-12-TR Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2241CUP-12-TR
Description  12-Bit, 210Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2241CUP-12-TR Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2241CUP-12-TR Datasheet HTML 3Page - Linear Technology LTC2241CUP-12-TR Datasheet HTML 4Page - Linear Technology LTC2241CUP-12-TR Datasheet HTML 5Page - Linear Technology LTC2241CUP-12-TR Datasheet HTML 6Page - Linear Technology LTC2241CUP-12-TR Datasheet HTML 7Page - Linear Technology LTC2241CUP-12-TR Datasheet HTML 8Page - Linear Technology LTC2241CUP-12-TR Datasheet HTML 9Page - Linear Technology LTC2241CUP-12-TR Datasheet HTML 10Page - Linear Technology LTC2241CUP-12-TR Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC2241-12
224112fa
TYPICAL PERFOR A CE CHARACTERISTICS (T
A = 25°C unless otherwise noted, Note 4)
8192 Point FFT, fIN = 70MHz,
–1dB, 2V Range, LVDS Mode
8192 Point FFT, fIN = 140MHz,
–1dB, 2V Range, LVDS Mode
8192 Point FFT, fIN = 240MHz,
–1dB, 2V Range, LVDS Mode
8192 Point FFT, fIN = 500MHz,
–1dB, 1V Range, LVDS Mode
8192 Point FFT, fIN = 1GHz,
–1dB, 1V Range, LVDS Mode
8192 Point 2-Tone FFT,
fIN = 135MHz and 140MHz,
–1dB, 2V Range, LVDS Mode
SNR vs Input Frequency, –1dB,
LVDS Mode
SFDR (HD2 and HD3) vs Input
Frequency, –1dB, LVDS Mode
SFDR (HD4+) vs Input Frequency,
–1dB, LVDS Mode
INPUT FREQUENCY (MHz)
0
58
59
61
62
63
600 700 800 900
67
224112 G10
60
100 200 300 400 500
1000
64
65
66
1V RANGE
2V RANGE
INPUT FREQUENCY (MHz)
0
70
80
85
800
224112 G11
60
50
65
75
55
45
40
200
100
400
300
600 700
900
500
1000
1V RANGE
2V RANGE
INPUT FREQUENCY (MHz)
0
60
65
75
80
85
95
100
500
700
224112 G12
70
90
400
9001000
200 300
600
800
1V RANGE
2V RANGE
FREQUENCY (MHz)
0
–80
–20
–10
0
20
40
60
80
224112 G04
–100
–40
–60
–90
–30
–110
–50
–70
100
FREQUENCY (MHz)
0
–80
–20
–10
0
20
40
60
80
224112 G05
–100
–40
–60
–90
–30
–110
–50
–70
100
FREQUENCY (MHz)
0
–80
–20
–10
0
20
40
60
80
224112 G06
–100
–40
–60
–90
–30
–110
–50
–70
100
FREQUENCY (MHz)
0
–80
–20
–10
0
20
40
60
80
224112 G07
–100
–40
–60
–90
–30
–110
–50
–70
100
FREQUENCY (MHz)
0
–80
–20
–10
0
20
40
60
80
224112 G08
–100
–40
–60
–90
–30
–110
–50
–70
100
FREQUENCY (MHz)
0
–80
–20
–10
0
20
40
60
80
224112 G09
–100
–40
–60
–90
–30
–110
–50
–70
100


Similar Part No. - LTC2241CUP-12-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2241CUP-10 LINER-LTC2241CUP-10 Datasheet
502Kb / 28P
   10-Bit, 210Msps ADC
LTC2241CUP-10-PBF LINER-LTC2241CUP-10-PBF Datasheet
502Kb / 28P
   10-Bit, 210Msps ADC
LTC2241CUP-10-TR LINER-LTC2241CUP-10-TR Datasheet
502Kb / 28P
   10-Bit, 210Msps ADC
LTC2241CUP-10-TRPBF LINER-LTC2241CUP-10-TRPBF Datasheet
502Kb / 28P
   10-Bit, 210Msps ADC
More results

Similar Description - LTC2241CUP-12-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
logo
Maxim Integrated Produc...
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
logo
Linear Technology
LTC2241-10 LINER-LTC2241-10_15 Datasheet
500Kb / 28P
   10-Bit, 210Msps ADC
LTC2241-10 LINER-LTC2241-10 Datasheet
502Kb / 28P
   10-Bit, 210Msps ADC
logo
Maxim Integrated Produc...
MAX1219 MAXIM-MAX1219 Datasheet
539Kb / 21P
   1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 8/05
logo
Linear Technology
LTC2107 LINER-LTC2107_15 Datasheet
528Kb / 32P
   16-Bit, 210Msps High Performance ADC
logo
Maxim Integrated Produc...
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
logo
Linear Technology
LTC2156-12 LINER-LTC2156-12_15 Datasheet
928Kb / 32P
   Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-12 LINER-LTC2150-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com