Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2240CUP-12-TR Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2240CUP-12-TR
Description  12-Bit, 170Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2240CUP-12-TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2240CUP-12-TR Datasheet HTML 7Page - Linear Technology LTC2240CUP-12-TR Datasheet HTML 8Page - Linear Technology LTC2240CUP-12-TR Datasheet HTML 9Page - Linear Technology LTC2240CUP-12-TR Datasheet HTML 10Page - Linear Technology LTC2240CUP-12-TR Datasheet HTML 11Page - Linear Technology LTC2240CUP-12-TR Datasheet HTML 12Page - Linear Technology LTC2240CUP-12-TR Datasheet HTML 13Page - Linear Technology LTC2240CUP-12-TR Datasheet HTML 14Page - Linear Technology LTC2240CUP-12-TR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC2240-12
11
224012fb
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
DIFF
REF
AMP
REF
BUF
2.2μF
1μF
0.1μF0.1μF
1μF
INTERNAL CLOCK SIGNALS
REFH
REFL
DIFFERENTIAL
INPUT
LOW JITTER
CLOCK
DRIVER
RANGE
SELECT
1.25V
REFERENCE
FIRST PIPELINED
ADC STAGE
FIFTH PIPELINED
ADC STAGE
FOURTH PIPELINED
ADC STAGE
SECOND PIPELINED
ADC STAGE
ENC+
REFHA
REFLB
REFLA REFHB
ENC
SHIFT REGISTER
AND CORRECTION
OE
M0DE
OGND
OF
OVDD
D11
D0
CLKOUT
224012 F01
INPUT
S/H
SENSE
VCM
AIN
AIN
+
2.2μF
THIRD PIPELINED
ADC STAGE
OUTPUT
DRIVERS
CONTROL
LOGIC
LVDS SHDN
+
+
+
+
VDD
GND


Similar Part No. - LTC2240CUP-12-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2240CUP-10 LINER-LTC2240CUP-10 Datasheet
476Kb / 28P
   10-Bit, 170Msps ADC
LTC2240CUP-10-PBF LINER-LTC2240CUP-10-PBF Datasheet
476Kb / 28P
   10-Bit, 170Msps ADC
LTC2240CUP-10-TR LINER-LTC2240CUP-10-TR Datasheet
476Kb / 28P
   10-Bit, 170Msps ADC
LTC2240CUP-10-TRPBF LINER-LTC2240CUP-10-TRPBF Datasheet
476Kb / 28P
   10-Bit, 170Msps ADC
More results

Similar Description - LTC2240CUP-12-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2220-AA LINER-LTM2220-AA_15 Datasheet
203Kb / 12P
   12-Bit, 170Msps ADC
LTM2220-AA LINER-LTM2220-AA Datasheet
198Kb / 12P
   12-Bit, 170Msps ADC
LTC2240-12 LINER-LTC2240-12_15 Datasheet
547Kb / 30P
   12-Bit, 170Msps ADC
LTC2240-10 LINER-LTC2240-10 Datasheet
476Kb / 28P
   10-Bit, 170Msps ADC
LTC2240-10 LINER-LTC2240-10_15 Datasheet
474Kb / 28P
   10-Bit, 170Msps ADC
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
   1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX19542 MAXIM-MAX19542 Datasheet
287Kb / 23P
   12-Bit, 170Msps ADC with CMOS Outputs for Wideband Applications
19-3464; Rev 1; 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com