Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2241IUP-10 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2241IUP-10
Description  10-Bit, 210Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2241IUP-10 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2241IUP-10 Datasheet HTML 7Page - Linear Technology LTC2241IUP-10 Datasheet HTML 8Page - Linear Technology LTC2241IUP-10 Datasheet HTML 9Page - Linear Technology LTC2241IUP-10 Datasheet HTML 10Page - Linear Technology LTC2241IUP-10 Datasheet HTML 11Page - Linear Technology LTC2241IUP-10 Datasheet HTML 12Page - Linear Technology LTC2241IUP-10 Datasheet HTML 13Page - Linear Technology LTC2241IUP-10 Datasheet HTML 14Page - Linear Technology LTC2241IUP-10 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC2241-10
11
224110fb
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
DIFF
REF
AMP
REF
BUF
2.2μF
1μF
0.1μF0.1μF
1μF
INTERNAL CLOCK SIGNALS
REFH
REFL
DIFFERENTIAL
INPUT
LOW JITTER
CLOCK
DRIVER
RANGE
SELECT
1.25V
REFERENCE
FIRST PIPELINED
ADC STAGE
FIFTH PIPELINED
ADC STAGE
FOURTH PIPELINED
ADC STAGE
SECOND PIPELINED
ADC STAGE
ENC+
REFHA
REFLB
REFLA REFHB
ENC
SHIFT REGISTER
AND CORRECTION
OE
M0DE
OGND
OF
OVDD
D9
D0
CLKOUT
224110 F01
INPUT
S/H
SENSE
VCM
AIN
AIN
+
2.2μF
THIRD PIPELINED
ADC STAGE
OUTPUT
DRIVERS
CONTROL
LOGIC
LVDS SHDN
+
+
+
+
VDD
GND


Similar Part No. - LTC2241IUP-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2241IUP-12 LINER-LTC2241IUP-12 Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
LTC2241IUP-12-PBF LINER-LTC2241IUP-12-PBF Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
LTC2241IUP-12-TR LINER-LTC2241IUP-12-TR Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
LTC2241IUP-12-TRPBF LINER-LTC2241IUP-12-TRPBF Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
More results

Similar Description - LTC2241IUP-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2241-10 LINER-LTC2241-10_15 Datasheet
500Kb / 28P
   10-Bit, 210Msps ADC
LTC2241-12 LINER-LTC2241-12 Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC2107 LINER-LTC2107_15 Datasheet
528Kb / 32P
   16-Bit, 210Msps High Performance ADC
logo
Maxim Integrated Produc...
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
MAX1219 MAXIM-MAX1219 Datasheet
539Kb / 21P
   1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 8/05
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1426 MAXIM-MAX1426 Datasheet
204Kb / 16P
   10-Bit, 10Msps ADC
19-1598 Rev 0; 1/00
logo
Linear Technology
LTC2240-10 LINER-LTC2240-10 Datasheet
476Kb / 28P
   10-Bit, 170Msps ADC
LTC2240-10 LINER-LTC2240-10_15 Datasheet
474Kb / 28P
   10-Bit, 170Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com