Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2241-12 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2241-12
Description  12-Bit, 210Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2241-12 Datasheet(HTML) 2 Page - Linear Technology

  LTC2241-12 Datasheet HTML 1Page - Linear Technology LTC2241-12 Datasheet HTML 2Page - Linear Technology LTC2241-12 Datasheet HTML 3Page - Linear Technology LTC2241-12 Datasheet HTML 4Page - Linear Technology LTC2241-12 Datasheet HTML 5Page - Linear Technology LTC2241-12 Datasheet HTML 6Page - Linear Technology LTC2241-12 Datasheet HTML 7Page - Linear Technology LTC2241-12 Datasheet HTML 8Page - Linear Technology LTC2241-12 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC2241-12
224112fa
Supply Voltage (VDD) .............................................. 2.8V
Digital Output Ground Voltage (OGND) ....... –0.3V to 1V
Analog Input Voltage (Note 3) ..... –0.3V to (VDD + 0.3V)
Digital Input Voltage .................... –0.3V to (VDD + 0.3V)
Digital Output Voltage ............... –0.3V to (OVDD + 0.3V)
ABSOLUTE
AXI U
RATI GS OV
DD = VDD (Notes 1, 2)
TOP VIEW
UP PACKAGE
64-LEAD (9mm
× 9mm) PLASTIC QFN
EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB
TJMAX = 150°C, θJA = 20°C/W
AIN
+ 1
AIN
+ 2
AIN
3
AIN
4
REFHA 5
REFHA 6
REFLB 7
REFLB 8
REFHB 9
REFHB 10
REFLA 11
REFLA 12
VDD 13
VDD 14
VDD 15
GND 16
48 D9+/DA6
47 D9/DA5
46 D8+/DA4
45 D8/DA3
44 D7 +/DA2
43 D7 /DA1
42 OVDD
41 OGND
40 D6+/DA0
39 D6/CLKOUTA
38 D5+/CLKOUTB
37 D5/OFB
36 CLKOUT +/DB11
35 CLKOUT /DB10
34 OVDD
33 OGND
65
Power Dissipation ............................................ 1500mW
Operating Temperature Range
LTC2241C-12 .......................................... 0
°C to 70°C
LTC2241I-12 .......................................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2241CUP-12#PBF
LTC2241CUP-12#TRPBF
LTC2241UP-12
64-Lead (9mm
× 9mm) Plastic QFN
0
°C to 70°C
LTC2241IUP-12#PBF
LTC2241IUP-12#TRPBF
LTC2241UP-12
64-Lead (9mm
× 9mm) Plastic QFN
– 40
°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2241CUP-12
LTC2241CUP-12#TR
LTC2241UP-12
64-Lead (9mm
× 9mm) Plastic QFN
0
°C to 70°C
LTC2241IUP-12
LTC2241IUP-12#TR
LTC2241UP-12
64-Lead (9mm
× 9mm) Plastic QFN
– 40
°C to 125°C
PI CO FIGURATIO


Similar Part No. - LTC2241-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12 Datasheet
644Kb / 34P
   Dual 14-Bit 250Msps
LTC2241-12 LINER-LTC2241-12 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
More results

Similar Description - LTC2241-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
logo
Maxim Integrated Produc...
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
logo
Linear Technology
LTC2241-10 LINER-LTC2241-10_15 Datasheet
500Kb / 28P
   10-Bit, 210Msps ADC
LTC2241-10 LINER-LTC2241-10 Datasheet
502Kb / 28P
   10-Bit, 210Msps ADC
logo
Maxim Integrated Produc...
MAX1219 MAXIM-MAX1219 Datasheet
539Kb / 21P
   1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 8/05
logo
Linear Technology
LTC2107 LINER-LTC2107_15 Datasheet
528Kb / 32P
   16-Bit, 210Msps High Performance ADC
logo
Maxim Integrated Produc...
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
logo
Linear Technology
LTC2156-12 LINER-LTC2156-12_15 Datasheet
928Kb / 32P
   Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-12 LINER-LTC2150-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com