Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2240CUP-10 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2240CUP-10
Description  10-Bit, 170Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2240CUP-10 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2240CUP-10 Datasheet HTML 6Page - Linear Technology LTC2240CUP-10 Datasheet HTML 7Page - Linear Technology LTC2240CUP-10 Datasheet HTML 8Page - Linear Technology LTC2240CUP-10 Datasheet HTML 9Page - Linear Technology LTC2240CUP-10 Datasheet HTML 10Page - Linear Technology LTC2240CUP-10 Datasheet HTML 11Page - Linear Technology LTC2240CUP-10 Datasheet HTML 12Page - Linear Technology LTC2240CUP-10 Datasheet HTML 13Page - Linear Technology LTC2240CUP-10 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC2240-10
10
224010fb
PIN FUNCTIONS
AIN+ (Pins 1, 2): Positive Differential Analog Input.
AIN(Pins 3, 4): Negative Differential Analog Input.
REFHA (Pins 5, 6): ADC High Reference. Bypass to
Pins 7, 8 with 0.1μF ceramic chip capacitor, to Pins 11,
12 with a 2.2μF ceramic capacitor and to ground with 1μF
ceramic capacitor.
REFLB (Pins 7, 8): ADC Low Reference. Bypass to Pins
5, 6 with 0.1μF ceramic chip capacitor. Do not connect to
Pins 11, 12.
REFHB (Pins 9, 10): ADC High Reference. Bypass to
Pins 11, 12 with 0.1μF ceramic chip capacitor. Do not
connect to Pins 5, 6.
REFLA (Pins 11, 12): ADC Low Reference. Bypass to
Pins 9, 10 with 0.1μF ceramic chip capacitor, to Pins 5,
6 with a 2.2μF ceramic capacitor and to ground with 1μF
ceramic capacitor.
VDD (Pins 13, 14, 15, 62, 63): 2.5V Supply. Bypass to
GND with 0.1μF ceramic chip capacitors.
GND (Pins 16, 61, 64): ADC Power Ground.
ENC+ (Pin 17):
Encode Input. Conversion starts on the
positive edge.
ENC(Pin 18):
Encode Complement Input. Conversion
starts on the negative edge. Bypass to ground with 0.1μF
ceramic for single-ended encode signal.
SHDN (Pin 19): Shutdown Mode Selection Pin. Connecting
SHDN to GND and OE to GND results in normal operation
with the outputs enabled. Connecting SHDN to GND and
OE to VDD results in normal operation with the outputs at
high impedance. Connecting SHDN to VDD and OE to GND
results in nap mode with the outputs at high impedance.
Connecting SHDN to VDD and OE to VDD results in sleep
mode with the outputs at high impedance.
OE (Pin 20): Output Enable Pin. Refer to SHDN pin func-
tion.
DNC (Pins 21, 22, 23, 24): Do not connect these pins.
D0/D0+ to D9/D9+ (Pins 27, 28, 29, 30, 31, 32, 37,
38, 39, 40, 43, 44, 45, 46, 47, 48, 51, 52, 53, 54):
LVDS Digital Outputs. All LVDS outputs require differential
100Ω termination resistors at the LVDS receiver. D9/D9+
is the MSB.
OGND (Pins 25, 33, 41, 50): Output Driver Ground.
OVDD (Pins 26, 34, 42, 49): Positive Supply for the Out-
put Drivers. Bypass to ground with 0.1μF ceramic chip
capacitor.
CLKOUT/CLKOUT+ (Pins 35 to 36):
LVDS Data Valid
Output. Latch data on rising edge of CLKOUT, falling
edge of CLKOUT+.
OF/OF+ (Pins 55 to 56): LVDS Over/Under Flow Output.
High when an over or under flow has occurred.
LVDS (Pin 57): Output Mode Selection Pin. Connecting
LVDS to 0V selects full rate CMOS mode. Connecting LVDS
to 1/3VDD selects demux CMOS mode with simultaneous
update. Connecting LVDS to 2/3VDD selects demux CMOS
mode with interleaved update. Connecting LVDS to VDD
selects LVDS mode.
MODE (Pin 58): Output Format and Clock Duty Cycle
Stabilizer Selection Pin. Connecting MODE to 0V selects
offset binary output format and turns the clock duty cycle
stabilizer off. Connecting MODE to 1/3VDD selects offset
binary output format and turns the clock duty cycle stabilizer
on. Connecting MODE to 2/3VDD selects 2’s complement
output format and turns the clock duty cycle stabilizer on.
Connecting MODE to VDD selects 2’s complement output
format and turns the clock duty cycle stabilizer off.
SENSE (Pin 59): Reference Programming Pin. Connecting
SENSE to VCM selects the internal reference and a ±0.5V
input range. Connecting SENSE to VDD selects the internal
reference and a ±1V input range. An external reference
greater than 0.5V and less than 1V applied to SENSE
selects an input range of ±VSENSE. ±1V is the largest valid
input range.
VCM (Pin 60): 1.25V Output and Input Common Mode Bias.
Bypass to ground with 2.2μF ceramic chip capacitor.
GND (Exposed Pad) (Pin 65): ADC Power Ground. The
exposed pad on the bottom of the package needs to be
soldered to ground.
(LVDS Mode)


Similar Part No. - LTC2240CUP-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2240CUP-12 LINER-LTC2240CUP-12 Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240CUP-12-PBF LINER-LTC2240CUP-12-PBF Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240CUP-12-TR LINER-LTC2240CUP-12-TR Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240CUP-12-TRPBF LINER-LTC2240CUP-12-TRPBF Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
More results

Similar Description - LTC2240CUP-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2240-10 LINER-LTC2240-10_15 Datasheet
474Kb / 28P
   10-Bit, 170Msps ADC
LTM2220-AA LINER-LTM2220-AA_15 Datasheet
203Kb / 12P
   12-Bit, 170Msps ADC
LTC2240-12 LINER-LTC2240-12 Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTM2220-AA LINER-LTM2220-AA Datasheet
198Kb / 12P
   12-Bit, 170Msps ADC
LTC2240-12 LINER-LTC2240-12_15 Datasheet
547Kb / 30P
   12-Bit, 170Msps ADC
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
   10-Bit,170Msps/135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com