Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1871IMS-7-TR Datasheet(PDF) 6 Page - Linear Technology

Part # LT1871IMS-7-TR
Description  High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1871IMS-7-TR Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1871IMS-7-TR Datasheet HTML 2Page - Linear Technology LT1871IMS-7-TR Datasheet HTML 3Page - Linear Technology LT1871IMS-7-TR Datasheet HTML 4Page - Linear Technology LT1871IMS-7-TR Datasheet HTML 5Page - Linear Technology LT1871IMS-7-TR Datasheet HTML 6Page - Linear Technology LT1871IMS-7-TR Datasheet HTML 7Page - Linear Technology LT1871IMS-7-TR Datasheet HTML 8Page - Linear Technology LT1871IMS-7-TR Datasheet HTML 9Page - Linear Technology LT1871IMS-7-TR Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC1871-7
6
18717fc
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency vs Temperature
Maximum Sense Threshold
vs Temperature
SENSE Pin Current vs Temperature
INTVCC Load Regulation
INTVCC Line Regulation
INTVCC Dropout Voltage
vs Current, Temperature
RUN (Pin 1): The RUN pin provides the user with an
accurate means for sensing the input voltage and pro-
gramming the start-up threshold for the converter. The
falling RUN pin threshold is nominally 1.248V and the
comparator has 100mV of hysteresis for noise immunity.
When the RUN pin is below this input threshold, the IC
is shut down and the VIN supply current is kept to a low
value (typ 10μA). The Absolute Maximum Rating for the
voltage on this pin is 7V.
ITH (Pin 2): Error Amplifier Compensation Pin. The
current comparator input threshold increases with this
control voltage. Nominal voltage range for this pin is 0V
to 1.40V.
FB (Pin 3): Receives the feedback voltage from the external
resistor divider across the output. Nominal voltage for
this pin in regulaton is 1.230V.
FREQ (Pin 4): A resistor from the FREQ pin to ground
programs the operating frequency of the chip. The nominal
voltage at the FREQ pin is 0.6V.
PIN FUNCTIONS
TEMPERATURE (°C)
–50
275
280
290
295
300
325
310
0
50
75
18717 G13
285
315
320
305
–25
25
100 125
150
TEMPERATURE (°C)
–50
140
145
150
155
160
–25
0
25
50
18717 G14
75
100 125 150
TEMPERATURE (°C)
–50
25
30
35
0
50
75
18717 G15
–25
25
100 125
150
GATE HIGH
VSENSE = 0V
INTVCC LOAD (mA)
0
7.0
30
50
80
18717 G16
6.9
6.8
10
20
40
60
70
VIN = 8V
VIN (V)
0
6.9
7.0
7.1
10
20
30
40
18717 G17
7.2
515
25
35
INTVCC LOAD (mA)
0
0
50
150
200
250
500
350
5
10
18717 G18
100
400
450
300
15
20
150°C
75°C
125°C
25°C
–50°C
0°C


Similar Part No. - LT1871IMS-7-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800CS5 LINER-LT1800CS5 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800CS8 LINER-LT1800CS8 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800IS5 LINER-LT1800IS5 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800IS8 LINER-LT1800IS8 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
More results

Similar Description - LT1871IMS-7-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LT3758 LINER-LT3758 Datasheet
741Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758A LINER-LT3758A_15 Datasheet
515Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758 LINER-LT3758_15 Datasheet
515Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com