Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWG83610 Datasheet(PDF) 6 Page - celduc-relais

Part # SWG83610
Description  THREE PHASE CONTROLLE WITH PROPORTIONAL CONTROL 0 - 10V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SWG83610 Datasheet(HTML) 6 Page - celduc-relais

  SWG83610 Datasheet HTML 1Page - celduc-relais SWG83610 Datasheet HTML 2Page - celduc-relais SWG83610 Datasheet HTML 3Page - celduc-relais SWG83610 Datasheet HTML 4Page - celduc-relais SWG83610 Datasheet HTML 5Page - celduc-relais SWG83610 Datasheet HTML 6Page - celduc-relais SWG83610 Datasheet HTML 7Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
S/GRA/SWG8xxxxx/C/05/07/2005
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
page 6 /7 F/GB
110
Alimentation
ventilateur
230Vac 0,06A
230VAC 50HZ
L1
N
INPUT
0 - 10
VDC
SG541020
230V 50Hz
-
+
LINE
10A
LOAD
with
heatsink
celduc
France
FULL WAVE
PULSE
CONTROLLER
Control 0-10V
Control
Protection
3x 400VAC
LOAD /CHARGE
L1
L2
L3
1
2
=
1
2
=
Control
4
3
4
3
celduc
REFERENCE
OUTPUT VOLTAGE
Puissance charge/Load
CONTROL
SWG88010 3 x 400VAC
80kWatts
0-10V
SWG50210
2 relais SC
SC869910
+
WF031100
80KW
+
SWG50210
2 x SC869910 + WF031100
Raccordement
SG5
L= 100mm h = 74mm p = 56mm
SWG50210
L= 110mm
h = 145mm
p = 154mm


Similar Part No. - SWG83610

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SWG83610 CELDUC-SWG83610 Datasheet
1Mb / 7P
   THREE PHASE CONTROLLE WITH PROPORTIONAL CONTROL 0 - 10V
More results

Similar Description - SWG83610

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SWG8 CELDUC-SWG8 Datasheet
1Mb / 7P
   THREE PHASE CONTROLLE WITH PROPORTIONAL CONTROL 0 - 10V
SWG50210 CELDUC-SWG50210 Datasheet
246Kb / 3P
   ONE PHASE CONTROLLER WITH PROPORTIONAL CONTROL 0 - 10V
SG441020 CELDUC-SG441020 Datasheet
470Kb / 6P
   RELAY WITH PROPORTIONAL CONTROL
SG541020 CELDUC-SG541020 Datasheet
141Kb / 5P
   RELAY WITH PROPORTIONAL CONTROL
logo
Schneider Electric
RM22TG20 SCHNEIDER-RM22TG20 Datasheet
117Kb / 7P
   three-Phase control relay
logo
LinkCom Manufacturing C...
40W-DBFE LINKCOM-40W-DBFE Datasheet
416Kb / 5P
   0-10V Dimmable
100W-DBFE LINKCOM-100W-DBFE Datasheet
530Kb / 5P
   0-10V Dimmable
25W-DBFE LINKCOM-25W-DBFE Datasheet
462Kb / 5P
   0-10V Dimmable
45W-DBFN LINKCOM-45W-DBFN Datasheet
516Kb / 3P
   0-10V Dimmable
60W-DBFE LINKCOM-60W-DBFE Datasheet
472Kb / 5P
   0-10V Dimmable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com