Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVTA4684 Datasheet(PDF) 5 Page - celduc-relais

Part # SVTA4684
Description  DIGITAL THREE PHASE ANGLE CONTROLLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SVTA4684 Datasheet(HTML) 5 Page - celduc-relais

  SVTA4684 Datasheet HTML 1Page - celduc-relais SVTA4684 Datasheet HTML 2Page - celduc-relais SVTA4684 Datasheet HTML 3Page - celduc-relais SVTA4684 Datasheet HTML 4Page - celduc-relais SVTA4684 Datasheet HTML 5Page - celduc-relais SVTA4684 Datasheet HTML 6Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
celduc®
r
e
l
a
i
s
S/GRA/SVTA4684/A/03/07/2002
Page 5/6 GB
CHARACTERISTIC CURVES
Fig. 5
CONTROL INPUT CHARACTERISTIC
Fig. 6 STATUS SWITCH CURRENT AND ON RESISTANCE
VS TEMPERATURE
Fig. 7
POWER DISSIPATED AND LOAD CURRENT LIMIT VS TEMPERATURE
Fig. 8
CURRENT OVERLOAD CHARACTERISTIC (ITSM PER POWER ELEMENT)
Max AC53a current
Permanent current
Ie AC51 (ARMS)
Power dissipated
(W)
Ambient temperature (°C)
Wire cross
section
>10mm² :
Use 2 wires
with
lower size or
use a special
adaptors
4K/W = No Heatsink
1.2K/W = WF121000
0.9K/W = WF115100
0.7K/W = WF070000
0.55K/W = WF050000
0.3K/W = WF031100
0.2K/W = WF020000
0.1K/W = No reference
Please refere to the installation notice for precautions about mounting the device on a heatsink.


Similar Part No. - SVTA4684

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SVTA4650 CELDUC-SVTA4650 Datasheet
355Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
SVTA4651 CELDUC-SVTA4651 Datasheet
355Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
SVTA4690 CELDUC-SVTA4690 Datasheet
375Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
SVTA4691 CELDUC-SVTA4691 Datasheet
374Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
SVTA4694 CELDUC-SVTA4694 Datasheet
376Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
More results

Similar Description - SVTA4684

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SVTA4691 CELDUC-SVTA4691 Datasheet
374Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
SWTA4620 CELDUC-SWTA4620 Datasheet
366Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
SWTA4650 CELDUC-SWTA4650 Datasheet
384Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
SWTA46501 CELDUC-SWTA46501 Datasheet
385Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
SWTA4630 CELDUC-SWTA4630 Datasheet
369Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
SVTA4690 CELDUC-SVTA4690 Datasheet
375Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
SVTA4651 CELDUC-SVTA4651 Datasheet
355Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
SWTA4610 CELDUC-SWTA4610 Datasheet
367Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
SWTA4631 CELDUC-SWTA4631 Datasheet
369Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
SVTA4694 CELDUC-SVTA4694 Datasheet
376Kb / 6P
   DIGITAL THREE PHASE ANGLE CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com