Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP1740TB1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP1740TB1
Description  Photo Modules for PCM Remote Control Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1740TB1 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP1740TB1 Datasheet HTML 1Page - Vishay Siliconix TSOP1740TB1 Datasheet HTML 2Page - Vishay Siliconix TSOP1740TB1 Datasheet HTML 3Page - Vishay Siliconix TSOP1740TB1 Datasheet HTML 4Page - Vishay Siliconix TSOP1740TB1 Datasheet HTML 5Page - Vishay Siliconix TSOP1740TB1 Datasheet HTML 6Page - Vishay Siliconix TSOP1740TB1 Datasheet HTML 7Page - Vishay Siliconix TSOP1740TB1 Datasheet HTML 8Page - Vishay Siliconix TSOP1740TB1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TSOP17..TB1
Vishay Telefunken
1 (9)
Rev. 11, 02-Apr-01
www.vishay.com
Document Number 82042
Photo Modules for PCM Remote Control Systems
Available types for different carrier frequencies
Type
fo
Type
fo
TSOP1730TB1
30 kHz
TSOP1733TB1
33 kHz
TSOP1736TB1
36 kHz
TSOP1737TB1
36.7 kHz
TSOP1738TB1
38 kHz
TSOP1740TB1
40 kHz
TSOP1756TB1
56 kHz
Description
The TSOP17..TB1 – series are miniaturized receivers
for infrared remote control systems. PIN diode and
preamplifier are assembled on lead frame, the epoxy
package is designed as IR filter.
The demodulated output signal can directly be
decoded by a microprocessor. TSOP17.... is the
standard IR remote control receiver series, supporting
all major transmission codes.
94 8692
GND
VS
OUT
Features
D Photo detector and preamplifier in one package
D Internal filter for PCM frequency
D Improved shielding against electrical field
disturbance
D TTL and CMOS compatibility
D Output active low
D Low power consumption
D High immunity against ambient light
D Continuous data transmission possible
(up to 2400 bps)
D Suitable burst length ≥10 cycles/burst
Block Diagram
94 8136
PIN
Input
AGC
Control
Circuit
Band
Pass
Demodu-
lator
80 k
W
1
2
3
VS
OUT
GND


Similar Part No. - TSOP1740TB1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1740 VISHAY-TSOP1740 Datasheet
204Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 10, 02-Apr-01
TSOP1740CB1 VISHAY-TSOP1740CB1 Datasheet
144Kb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 8, 02-Apr-01
TSOP1740GL1 VISHAY-TSOP1740GL1 Datasheet
152Kb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 8, 02-Apr-01
TSOP1740KA1 VISHAY-TSOP1740KA1 Datasheet
134Kb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1740KA1 VISHAY-TSOP1740KA1 Datasheet
204Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 10, 15-Oct-2002
More results

Similar Description - TSOP1740TB1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com