Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDD15-15S2 Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Part # TDD15-15S2
Description  DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

TDD15-15S2 Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  TDD15-15S2 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. TDD15-15S2 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. TDD15-15S2 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. TDD15-15S2 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.chinfa.com
TDD15 SERIES
SINGLE & DUAL OUTPUT
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Case temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom, Io nom
Operating at Vi nom, Io nom
KHz
1,500
VDC
M
100
-25
oC
oC
Characteristics
Conditions
min.
unit
Output voltage accuracy
Vi nom, Io nom
typ.
max.
2
%
Storage temperature
Non operational
-40
+ 60
+ 100
+ 100
200
2
%
oC
Derating
o
% / C
Vi nom
48
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
18
35
48
36
75
VDC
VDC
Ta min ... Ta max, Io nom
24
Minimum load
Line regulation
Io nom, Vi min ...Vi max
Vi nom
0
16
%
%
%
Load regulation
o
% / C
Temperature coefficient
Ripple & noise
Transient recovery time
Vi nom Io 0 ... Io nom, single output models
Vi nom, Io nom
500
2
5
0.02
%
%
S
1
%
See derating curve
No load input current
24V models
48V models
25
15
mA
mA
Vi = nom
Io = 0
Input voltage w/o damage
40
VDC
VDC
Io nom
24V models
48V models
78
Startup voltage
VDC
VDC
Io nom
24V models
48V models
sing output models
dual output models (each output)
Vi nom, Io min ... Io nom, dual output models
Input filter
Pi type
INPUT SPECIFICATIONS
28.6
15.8
Vi nom, Io nom,
BW = 20MHz
3.3V & 5V model
mV
150
Efficiency
Up to 87%, See model list
Vi nom, Io nom, Po / Pi
12V,15V & dual
Vout x
1%
mV
OUTPUT SPECIFICATIONS
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
CONTROL AND PROTECTION
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
25% load, step changed
sales@chinfa.com
Dimension
L25.4 x W50.8 x H12
mm
Cooling
Free air convection
Case material
Metal
GENERAL
2007.08.30


Similar Part No. - TDD15-15S2

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
TDD15-15S2 CHINFA-TDD15-15S2 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-15S2 CHINFA-TDD15-15S2 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
More results

Similar Description - TDD15-15S2

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
TDD15 CHINFA-TDD15_14 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
232Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2_11 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15 CHINFA-WDD15_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R305 DELTA-S24SE3R305 Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
FDD15-03S1 CHINFA-FDD15-03S1 Datasheet
300Kb / 4P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com