Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDD05-05D2U Datasheet(PDF) 8 Page - Chinfa Electronics Ind. Co., Ltd.

Part # RDD05-05D2U
Description  DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

RDD05-05D2U Datasheet(HTML) 8 Page - Chinfa Electronics Ind. Co., Ltd.

  RDD05-05D2U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. RDD05-05D2U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. RDD05-05D2U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. RDD05-05D2U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. RDD05-05D2U Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. RDD05-05D2U Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. RDD05-05D2U Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. RDD05-05D2U Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
Rated over load protection
110%min....160%max
CONTROL AND PROTECTION
sales@chinfa.com
RDD05U SERIES
SINGLE & DUAL OUTPUT
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
20.3 x 31.8 x 10.2 mm 0.8 x 1.25 x 0.4 inches
Tinplate nickel plated
16 g
PIN ASSIGNMENT
PIN NO.
SINGLE
DUAL
9
11
14
16
22 & 23
N. C.
Vo -
Vo+
com
DERATING
NATURAL
CONVECTION
COOLING
0
100
o
Ambient Temperature [ C ]
71
100
-40
Vo+
Vo -
com
Vi+
Vi+
www.chinfa.com
GENERAL
2 & 3
Vi -
Vi -
UL/cUL
UL60950-1
TUV
EN60950-1
CE
EN61204-3(Class A for EMI)
APPROVALS AND STANDARD
MECHANISM & PIN CONFIGURATION
mm [inch]
20.32 [0.80]
10.2 [0.4]
DIA 0.50 [0.02]
5.08 [0.20]
14
23 22
2 3
9
11
16
BOTTOM VIEW
31.75 [1.25]
15.24 [0.60]
2.54 [0.10]
N. C.
2007.05.11


Similar Part No. - RDD05-05D2U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
RDD05-05D2U CHINFA-RDD05-05D2U Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-05D2U CHINFA-RDD05-05D2U Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results

Similar Description - RDD05-05D2U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4_10 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U_14 Datasheet
182Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05 CHINFA-TDD05_14 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com