Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDD05-05S2U Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Part # RDD05-05S2U
Description  DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

RDD05-05S2U Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  RDD05-05S2U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. RDD05-05S2U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. RDD05-05S2U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. RDD05-05S2U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. RDD05-05S2U Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. RDD05-05S2U Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. RDD05-05S2U Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. RDD05-05S2U Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.chinfa.com
RDD05U SERIES
SINGLE & DUAL OUTPUT
sales@chinfa.com
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Case temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom, Io nom
Operating at Vi nom, Io nom
KHz
1,500
VDC
1G
-40
+ 71
oC
oC
Storage temperature
Non operational
-40
oC
Derating
Vi nom
o
% / C
See derating curve
+100
+100
Dimension
L20.3 x W31.8 x H10.2
mm
Cooling
Free air convection
Case material
Tinplate nickel plated
GENERAL
280
48
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
9
18
18
36
VDC
VDC
Ta min ... Ta max, Io nom
No load input current
24V models
48V models
mA
mA
Vi nom, Io = 0
Input voltage w/o damage
20
80
VDC
VDC
Io nom
24V models
48V models
12V models
12V models
35
24
48
12
75
40
VDC
mA
VDC
startup voltage
VDC
VDC
Io nom
24V models
48V models
12V models
VDC
Input filter
Pi type
INPUT SPECIFICATIONS
8.7
17.4
31.5
Characteristics
Conditions
min.
unit
Output voltage accuracy
Minimum load
Line regulation
Load regulation
Transient recovery time
Vi nom, Io nom
Vi nom
single output models
dual output models (each output)
Io nom, Vi min ...Vi max
Vi nom, Io 0 ...Io nom, single output models
Vi nom, Io min ...Io nom, dual output models
typ.
max.
0
%
%
%
%
2
0.5
0.5
1
%
0.02
o
% / C
mV
Efficiency
Up to 84%, See model list
Temperature coefficient
Ripple & noise
Vi nom, Io nom, BW = 20MHz
Vi nom, Io nom, Po / Pi
Vi nom, Io nom
1
50
ms
10
%
Vi nom, Io nom=1
1/2 lo nom
OUTPUT SPECIFICATIONS
sales@chinfa.com
Io nom
3.3Vout models
5.0Vout models
2200
1500
F
12.0Vout models
15.0Vout models
5Vout models
12Vout models
15Vout models
270
180
680
150
68
Capacitive Load
25
20
30
2007.05.11


Similar Part No. - RDD05-05S2U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
RDD05-05S2U CHINFA-RDD05-05S2U Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-05S2U CHINFA-RDD05-05S2U Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results

Similar Description - RDD05-05S2U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4_10 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U_14 Datasheet
182Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05 CHINFA-TDD05_14 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com