Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUL942460 Datasheet(PDF) 1 Page - celduc-relais

Part # SUL942460
Description  Power Solid State Contactor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SUL942460 Datasheet(HTML) 1 Page - celduc-relais

  SUL942460 Datasheet HTML 1Page - celduc-relais SUL942460 Datasheet HTML 2Page - celduc-relais SUL942460 Datasheet HTML 3Page - celduc-relais SUL942460 Datasheet HTML 4Page - celduc-relais SUL942460 Datasheet HTML 5Page - celduc-relais SUL942460 Datasheet HTML 6Page - celduc-relais SUL942460 Datasheet HTML 7Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PP
P
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
celduc
r
e
l
a
i
s
page 1 / 7F/GB
S/MON/SUL942460/B/18/11/2008
SUL942460
celpac
❏ Contacteur statique largeur 22,5mm prêt à l'emploi synchrone spécialement
adapté aux charges résistives.
22,5mm Solid State Contactor for space-saving design.
Ready to use with its heatsink
Zero Cross Solid State Contactor specially designed for resistive loads.
❏ Sortie 12 à 280VAC calibre 25A (voir courbe en fonction de la température)
Power output 12 to 280VAC 25A rating (see derating curve)
❏ Large plage de contrôle: 3 - 32VDC avec un courant de commande régulé.
LED de visualisation sur l'entrée de couleur jaune.
Protection aux surtensions sur l'entrée intégrée.
Large control range: 3 -32VDC with input current limiter.
Yellow LED visualization on the input.
Input over-voltage protection.
❏ Protection IP20 avec volets amovibles
IP20 protection with flaps
❏ Construit en conformité aux normes EN60947-4-3 (IEC947-4-3)
et EN60950/VDE0805 (Isolement renforcé) -UL-cUL en cours
Designed in conformity with EN60947-4-3 (IEC947-4-3)
and EN60950/VDE0805 (Reinforced Insulation) -UL-cUL pending
Output : 12-280VAC 23A(*)
Input : 3-32VDC
(*) : Thermo Mechanical Stress Solution
Contacteur statique monophasé de puissance
Power Solid State Contactor
Typical
application:
5kW resistor
(AC-51 load)
on 200/230 VAC
Application
typique:
Resistance 5 kW
(Catégorie AC-51)
en 200/230 VAC
Dimensions :
PRELIMINARY
Install it & Forget it!
(*) 17A AC-51
see derating curve
SUL942460=
SU942460 SSR
+
WF311100 heatsink


Similar Part No. - SUL942460

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SUL963460 CELDUC-SUL963460 Datasheet
801Kb / 7P
   Power Solid State Contactor
SUL967460 CELDUC-SUL967460 Datasheet
811Kb / 7P
   Power Solid State Contactor
More results

Similar Description - SUL942460

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SAL942460 CELDUC-SAL942460 Datasheet
723Kb / 6P
   Power Solid State Contactor
SUL842070 CELDUC-SUL842070 Datasheet
803Kb / 7P
   Power Solid State Contactor
SAL965460 CELDUC-SAL965460 Datasheet
722Kb / 6P
   Power Solid State Contactor
SUL842970 CELDUC-SUL842970 Datasheet
803Kb / 7P
   Power Solid State Contactor
SUL867070 CELDUC-SUL867070 Datasheet
811Kb / 7P
   Power Solid State Contactor
SUL865970 CELDUC-SUL865970 Datasheet
803Kb / 7P
   Power Solid State Contactor
SAL941460 CELDUC-SAL941460 Datasheet
681Kb / 6P
   Power Solid State Contactor
SUM865070 CELDUC-SUM865070 Datasheet
1Mb / 7P
   Power Solid State Contactor
SUL967460 CELDUC-SUL967460 Datasheet
811Kb / 7P
   Power Solid State Contactor
SUL963460 CELDUC-SUL963460 Datasheet
801Kb / 7P
   Power Solid State Contactor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com