Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T20M2 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # T20M2
Description  T10A1
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

T20M2 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  T20M2 Datasheet HTML 1Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edal
SERIES T
Silicon T03 Miniature Power Circuits
Edal’s Miniature power design offers optional configurations in one standard package. A sharp reduction in space
requirements, simplified purchasing, reduced inventory, fewer lead connections and faster assembly by eliminating
the need of soldering many diodes to achieve equivalent circuitry are substantial advantages. Low unit cost and
increased reliability are proven results of Edal multiple circuits, now available in half wave, and center tap circuits.
Ratings for the circuits that are listed below point out the high temperature resistance, low leakage current and low
forward voltage drop. Units utilize double diffused passivated junctions. Through Quality Control program results
in high unit reliability. Available in Fast Recovery and/or Bulk Avalanche devices.
SERIES T PER SECTION SPECIFICATIONS
CURRENT
CODE
AMPS
10
10
15
15
20
20
PIV
CODE
(VOLTS)
A
50
B
100
C
200
D
300
E
400
F
500
G
600
H
700
K
800
M
1000
N
1200
CODE
CIRCUIT
1
Half Wave
2
Center Tap, Case Pos.
3
Center Tap, Case Neg.
T
10
B
2
First code represents series, second current, third PIV, fourth the circuit. Series T10B2, for
Example is a 10 amp 100 PIV Center Tap Case Positive.
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: info@edal.comInternet: http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512
Electrical Ratings (Per Section)
Maximum Output Current
Case Temp 130 o C Io see Chart
Maximum Single Cycle Surge Current
250 amps
Maximum Forward Voltage Drop:
at Io 25 o C Case
1.5 volts
Maximum Reverse Current:
at PIV
50 ua
Maximum I 2 t
250 amps2 sec


Similar Part No. - T20M2

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
T20 RALTRON-T20 Datasheet
242Kb / 1P
   SURFACE MOUNT QUARTZ CRYSTAL UNIT
logo
Magnetrol International...
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
T20-1B2A-BKP MAGNETROL-T20-1B2A-BKP Datasheet
224Kb / 8P
   Top Mounting T20 and T21 Liquid Level Sw
T20-4B2A-CKP MAGNETROL-T20-4B2A-CKP Datasheet
224Kb / 8P
   Top Mounting T20 and T21 Liquid Level Sw
T20-4J2A-9NR MAGNETROL-T20-4J2A-9NR Datasheet
316Kb / 24P
   Liquid Level Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com