Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOB96366WF Datasheet(PDF) 6 Page - celduc-relais

Part # SOB96366WF
Description  Ready to use Double Power Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SOB96366WF Datasheet(HTML) 6 Page - celduc-relais

  SOB96366WF Datasheet HTML 1Page - celduc-relais SOB96366WF Datasheet HTML 2Page - celduc-relais SOB96366WF Datasheet HTML 3Page - celduc-relais SOB96366WF Datasheet HTML 4Page - celduc-relais SOB96366WF Datasheet HTML 5Page - celduc-relais SOB96366WF Datasheet HTML 6Page - celduc-relais SOB96366WF Datasheet HTML 7Page - celduc-relais SOB96366WF Datasheet HTML 8Page - celduc-relais SOB96366WF Datasheet HTML 9Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
page 6 / 9F/GB
S/MON/SOB96366WF/A/20/10/2006
okpac
Raccordement de commande par connecteur débrochable /
Control connections by pluggable connector
celduc
Différentes possibilités de connecteurs et de sortie/ Different possibilities of connectors and outputs
Connecteur à
vis
Screw solution
screw 270
°
screw 90
°
Screw 45
°
1
2
3
1
4
2
3
4
double
Ref : 1Y042217
Weidmuller: BLZ5,08/4/225SN SW
1741890000
Ref : 1Y041660
Weidmuller: BLDT5,08/4 SN SW
1660730000
Ref : 1Y042715
Weidmuller: BLZ5,08/4/270SN SW
1557510000
Ref : 1Y040915
Weidmuller: BLZ5,08/4/90SN SW
1552910000
Single wire =
0,15...2,5mm2
26-12AWG
Wire strip
length = 7mm
Single wire =
0,15...2,5mm2
26-12AWG
Wire strip
length = 7mm
Single wire =
0,15...2,5mm2
26-12AWG
Wire strip
length = 8mm
Single wire =
0,15...2,5mm2
26-12AWG
Wire strip
length = 7mm


Similar Part No. - SOB96366WF

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOB963660 CELDUC-SOB963660 Datasheet
1Mb / 9P
   Double Power Solid State Relay
More results

Similar Description - SOB96366WF

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOB94366WF CELDUC-SOB94366WF Datasheet
1Mb / 9P
   Ready to use Double Power Solid State Relay
SWM862080 CELDUC-SWM862080 Datasheet
231Kb / 2P
   Ready to use Solid State Relay
SWM841080 CELDUC-SWM841080 Datasheet
119Kb / 2P
   Ready to use Solid State Relay
SWM865080 CELDUC-SWM865080 Datasheet
130Kb / 2P
   Ready to use Solid State Relay
logo
Powersem GmbH
PSBDIN30A241028 POWERSEM-PSBDIN30A241028 Datasheet
201Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30D241000 POWERSEM-PSBDIN30D241000 Datasheet
199Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30A48V660V POWERSEM-PSBDIN30A48V660V Datasheet
204Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30D661000 POWERSEM-PSBDIN30D661000 Datasheet
195Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30A24V240V POWERSEM-PSBDIN30A24V240V Datasheet
201Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30A661028 POWERSEM-PSBDIN30A661028 Datasheet
204Kb / 4P
   DIN Ready Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com