Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDD15-12S1U Datasheet(PDF) 1 Page - Chinfa Electronics Ind. Co., Ltd.

Part # IDD15-12S1U
Description  DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

IDD15-12S1U Datasheet(HTML) 1 Page - Chinfa Electronics Ind. Co., Ltd.

  IDD15-12S1U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. IDD15-12S1U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. IDD15-12S1U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. IDD15-12S1U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. IDD15-12S1U Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. IDD15-12S1U Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. IDD15-12S1U Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. IDD15-12S1U Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.chinfa.com
IDD15U SERIES
DC - DC CONVERTER
13 ~ 15W SINGLE & DUAL OUTPUT
FEATURES
LOW COST
2:1 WIDE INPUT RANGE
I/O ISOLATION
INPUT Pi FILTER
SHORT CIRCUIT PROTECTION
HIGH PERFORMANCE
2 YEARS WARRANTY
UL/cUL/TUV/CE
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(min.)
EFF.
(typ.)
sales@chinfa.com
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
IDD15 - 03S1U
IDD15 - 05S1U
IDD15 - 12S1U
IDD15 - 15S1U
9~18 VDC
9~18 VDC
9~18 VDC
9~18 VDC
13.2 WATTS
15 WATTS
15 WATTS
15 WATTS
4000 mA
3000 mA
1250 mA
1000 mA
82%
84%
87%
89%
80%
82%
85%
87%
IDD15 - 05D1U
IDD15 - 12D1U
9~18 VDC
9~18 VDC
15 WATTS
15 WATTS
5 VDC
12 VDC
1500 mA
630 mA
84%
87%
82%
85%
IDD15 - 15D1U
IDD15 - 05D2U
9~18 VDC
18~36 VDC
15 WATTS
15 WATTS
15 VDC
5 VDC
500 mA
1500 mA
87%
86%
85%
84%
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
IDD15 - 03S2U
IDD15 - 05S2U
IDD15 - 12S2U
IDD15 - 15S2U
IDD15 - 03S3U
IDD15 - 05S3U
IDD15 - 12S3U
IDD15 - 15S3U
18~36 VDC
18~36 VDC
18~36 VDC
18~36 VDC
35~75 VDC
35~75 VDC
35~75 VDC
35~75 VDC
13.2 WATTS
15 WATTS
15 WATTS
15 WATTS
13.2 WATTS
15 WATTS
15 WATTS
15 WATTS
4000 mA
3000 mA
1250 mA
1000 mA
4000 mA
3000 mA
1250 mA
1000 mA
83%
85%
88%
89%
83%
85%
88%
89%
81%
83%
86%
87%
81%
83%
86%
87%
12 VDC
15 VDC
IDD15 - 12D2U
IDD15 - 15D2U
18~36 VDC
18~36 VDC
15 WATTS
15 WATTS
630 mA
500 mA
88%
89%
86%
87%
IDD15 - 05D3U
35~75 VDC
15 WATTS
5 VDC
1500 mA
86%
84%
IDD15 - 12D3U
IDD15 - 15D3U
35~75 VDC
35~75 VDC
15 WATTS
15 WATTS
12 VDC
15 VDC
630 mA
500 mA
88%
89%
86%
87%
Single Output Models
Dual Output Models
2008.09.23


Similar Part No. - IDD15-12S1U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD15-12S1U CHINFA-IDD15-12S1U Datasheet
394Kb / 8P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
IDD15-12S1U CHINFA-IDD15-12S1U Datasheet
200Kb / 4P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
More results

Similar Description - IDD15-12S1U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD15U CHINFA-IDD15U_14 Datasheet
200Kb / 4P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
IDD15-03S1U CHINFA-IDD15-03S1U_10 Datasheet
394Kb / 8P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R305 DELTA-S24SE3R305 Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
TDD15 CHINFA-TDD15_14 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
232Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2_11 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com