Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDD10-05S1U Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Part # IDD10-05S1U
Description  DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

IDD10-05S1U Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  IDD10-05S1U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. IDD10-05S1U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. IDD10-05S1U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. IDD10-05S1U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. IDD10-05S1U Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. IDD10-05S1U Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. IDD10-05S1U Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. IDD10-05S1U Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.chinfa.com
IDD10U SERIES
SINGLE & DUAL OUTPUT
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
CONTROL AND PROTECTION
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Case temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom, Io nom
Operating at Vi nom, Io nom
KHz
1,500
VDC
M
100
-40
oC
oC
Storage temperature
Non operational
-40
+ 71
+ 100
+ 100
200
Dimension
L50.8 x W25.4 x H10.16
mm
oC
Derating
o
% / C
Vi nom
See derating curve
Cooling
Free air convection
Case material
Metal
GENERAL
sales@chinfa.com
Startup voltage
VDC
VDC
Io nom
33
16
Input voltage range
Ta min ... Ta max, Io nom
No load input current
24V models
48V models
Vi = nom
Io = 0
Input voltage w/o damage
40
VDC
VDC
Io nom
24V models
48V models
80
24V models
48V models
12V models
12V models
12V models
Characteristics
Conditions
min.
typ.
max.
unit
Input filter
Pi type
INPUT SPECIFICATIONS
18
35
48
36
75
VDC
VDC
24
mA
mA
9
18
VDC
12
15
20
25
20
8.5
Characteristics
Conditions
min.
unit
Output voltage accuracy
Vi nom, Io nom
typ.
max.
2
%
2
%
Minimum load
Line regulation
Io nom, Vi min ...Vi max
Vi nom
0
10
%
%
%
Load regulation
o
% / C
Temperature coefficient
Ripple & noise
Transient recovery time
Vi nom Io 0 ... Io nom, single output models
Vi nom, Io nom
500
2
5
0.02
%
%
S
1
%
sing output models
dual output models (each output)
Vi nom, Io min ... Io nom, dual output models
Vi nom, Io nom,
BW = 20MHz
3.3V & 5V model
mV
100
Efficiency
Up to 89%, See model list
Vi nom, Io nom, Po / Pi
12V,15V & dual
mV
OUTPUT SPECIFICATIONS
25% load, step changed
150
2008.09.23


Similar Part No. - IDD10-05S1U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD10-05S1U CHINFA-IDD10-05S1U Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
IDD10-05S1U CHINFA-IDD10-05S1U Datasheet
238Kb / 4P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
More results

Similar Description - IDD10-05S1U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U_10 Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE_14 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002PDFA DELTA-S24SE05002PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE150R3PDFA DELTA-S24DE150R3PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10U CHINFA-IDD10U_16 Datasheet
238Kb / 4P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
DKE10 MEANWELL-DKE10 Datasheet
184Kb / 1P
   10W DC-DC Regulated Dual Output Converter
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
   10W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com