Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR1002 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # FBR1002
Description  Silicon Fast Recovery Bridge Rectifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

FBR1002 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  FBR1002 Datasheet HTML 1Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edal
SERIES FBR1000
Silicon Fast Recovery Bridge Rectifier
INCHES
MILLIMETER
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.48
0.52
12.2
13.2
B
0.73
0.77
18.54
19.56
C
0.142
0.158
3.6
4.0
D
0.21
0.29
5.33
7.37
E
0.21
0.29
5.33
7.37
F
0.75
19.1
G
0.048
0.052
1.2
1.3
H
0.25
0.30
6.35
7.6
BR1000
(PLASTIC)
PART
NUMBER
MAX. AVG.
RECTIFIED
CURRENT If (AV)
@ TaR LOAD
INPUT
VOLTAGE
RECOMMENDED
Vrms
PIV
Vrrm
MAX.
FORWARD
PEAK SURGE
CURRENT
Ifsm
MAX.
FORWARD
VOLTAGE @
Ta = 25o C
Vf @ If (AV)
MAX.
REVERSE
CURRENT @
Ta = 25o C
Ir
Trr
(A)
(o C)
(V)
(V)
(A)
(V)
(A)
(uA)
(nS)
FBR1000
10
55
20
50
250
1.3
6.0
10
150
FBR1001
10
55
40
100
250
1.3
6.0
10
150
FBR1002
10
55
80
200
250
1.3
6.0
10
150
FBR1004
10
55
125
400
250
1.3
6.0
10
150
FBR1006
10
55
250
600
250
1.3
6.0
10
250
FBR1008
10
55
380
800
250
1.3
6.0
10
500
FBR1010
10
55
440
1000
250
1.3
6.0
10
500
THE PLASTIC MATERIAL CARRIES U/L RECOGNITION 94V-0
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@ edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - FBR1002

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR1002 EIC-FBR1002 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR1002 EIC-FBR1002 Datasheet
48Kb / 2P
   FAST RECOVERY
More results

Similar Description - FBR1002

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
BR1203 EDAL-BR1203 Datasheet
878Kb / 2P
   SILICON FAST RECOVERY BRIDGE RECTIFIER
RW005M EDAL-RW005M Datasheet
100Kb / 1P
   Silicon Bridge Rectifier Fast Recovery
logo
Central Semiconductor C...
CBR1F-D010 CENTRAL-CBR1F-D010 Datasheet
56Kb / 2P
   FAST RECOVERY SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
FBR600 EDAL-FBR600 Datasheet
82Kb / 1P
   Silicon Fast Recovery Bridge Rectifier
BR1203W EDAL-BR1203W Datasheet
858Kb / 2P
   SILICON FAST RECOVERY BRIDGE RECTIFIER
logo
Central Semiconductor C...
CR6AF1GPP CENTRAL-CR6AF1GPP_15 Datasheet
83Kb / 2P
   FAST RECOVERY SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
FRS201L RECTRON-FRS201L Datasheet
105Kb / 1P
   FAST RECOVERY BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
Z4RGP20MH ZOWIE-Z4RGP20MH Datasheet
53Kb / 2P
   Fast Recovery Bridge Rectifier
Z4RGP30MAPH ZOWIE-Z4RGP30MAPH Datasheet
51Kb / 2P
   Fast Recovery Bridge Rectifier
Z4RGP30MPH ZOWIE-Z4RGP30MPH Datasheet
52Kb / 2P
   Fast Recovery Bridge Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com