Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD03-15S4A Datasheet(PDF) 4 Page - Chinfa Electronics Ind. Co., Ltd.

Part # FDD03-15S4A
Description  DC - DC CONVERTER 2.5 ~ 3W WITH REMOTE FUNCTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

FDD03-15S4A Datasheet(HTML) 4 Page - Chinfa Electronics Ind. Co., Ltd.

  FDD03-15S4A Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. FDD03-15S4A Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. FDD03-15S4A Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. FDD03-15S4A Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
sales@chinfa.com
MECHANISM & PIN CONFIGURATION
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
20.3 x 31.8 x 12.7 mm 0.8 x 1.25 x 0.5 inches
Plastic
15 g
PIN ASSIGNMENT
PIN NO.
SINGLE
DUAL
Vi+
NO PIN
Vo +
NO PIN
Vi -
Vi+
com
Vo -
Vi -
DERATING
NATURAL
CONVECTION
COOLING
0
100
o
Ambient Temperature [ C ]
71
90
-25
1&2
9
10&11
12
13
15
16
20
23&24
GENERAL
DOUBLE
Vi+
NO PIN
Vo1-
NO PIN
com
NO PIN
NO PIN
Vo1+
Vo2+
NO PIN
NO PIN
Vo+
NO PIN
Vo2-
S. D.
S. D.
S. D.
Vi -
S.D. : REMOTE ON/OFF
mm [inch]
FDD03 SERIES
WITH REMOTE FUNCTION
20.32 [0.80]
12.70 [0.50]
DIA 0.50 [0.02]
5.08 [0.20]
BOTTOM VIEW
24 23
15
13
1 2
10 1112
31.75 [1.25]
15.24 [0.60]
2.54 [0.10]
9
16
20
www.chinfa.com
2007.08.30


Similar Part No. - FDD03-15S4A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDD03-15S4 ETC1-FDD03-15S4 Datasheet
447Kb / 4P
   DC - DC CONVERTER 2 - 3W SINGLE & DUAL OUTPUT
logo
Chinfa Electronics Ind....
FDD03-15S4 CHINFA-FDD03-15S4 Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-15S4U CHINFA-FDD03-15S4U Datasheet
495Kb / 8P
   DC - AC CONVERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-15S4U CHINFA-FDD03-15S4U Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
More results

Similar Description - FDD03-15S4A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIZI03 MINMAX-MIZI03 Datasheet
460Kb / 5P
   DC-DC CONVERTER 3W
logo
LinkCom Manufacturing C...
3W-DPHE LINKCOM-3W-DPHE Datasheet
454Kb / 3P
   3W DC - DC Converter
logo
Power Systems GmbH+Co.K...
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CBRS-0505-3K POWER-SYSTEMS-CBRS-0505-3K Datasheet
245Kb / 5P
   DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
logo
Bothhand USA, LP.
BC-LF-SERIES BOTHHAND-BC-LF-SERIES Datasheet
220Kb / 2P
   1.5~3W Isolated DC/DC Converter
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
logo
Bothhand USA, LP.
B5LF BOTHHAND-B5LF Datasheet
188Kb / 2P
   1.5~3W Isolated DC/DC Converter
logo
MORNSUN Science& Techno...
LD03-16B03 MORNSUN-LD03-16B03 Datasheet
989Kb / 4P
   3W, AC/DC converter
logo
Minmax Technology Co., ...
MCW03 MINMAX-MCW03_16 Datasheet
601Kb / 4P
   DC/DC CONVERTER 3W, SIP-Package
MSCWI03 MINMAX-MSCWI03 Datasheet
921Kb / 5P
   DC/DC CONVERTER 3W, SMD Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com