Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DRA300-24A Datasheet(PDF) 4 Page - Chinfa Electronics Ind. Co., Ltd.

Part No. DRA300-24A
Description  AC - DC DIN RAIL MOUNTABLE 300W INDUSTRIAL CONTROL EQUIPMENT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Homepage  http://www.chinfa.com
Logo 

DRA300-24A Datasheet(HTML) 4 Page - Chinfa Electronics Ind. Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
sales@chinfa.com
DERATING
o
Temperature [ C ]
DRA300 SERIES
PIN ASSIGNMENT
PIN NO.
V +
Designation
Description
1
2
3
4
5
V -
L
N
DC LO
Vout ADJ.
6
7
8
9
S / P
DC ON
V -
V +
RDY
A normal open relay contact for DC ON level control
(Never connect except 24V model)
Positive output terminal
Positive output terminal
Negative output terminal
Negative output terminal
Ground this terminal to minimize high-frequency emissions
Input terminals (neutral conductor, no polarity at DC input)
Input terminals (phase conductor, no polarity at DC input)
Operation indicator LED
DC LOW voltage indicator LED
Trimmer-potentiometer for Vout adjustment
Single / Parallel select switch
MECHANISM & PIN CONFIGURATION
mm [inch]
www.chinfa.com
CONSTRUCTION
Easy snap-on mounting onto the DIN-Rail
(TS35/7.5 or TS35/15), unit sits safeIy and
firmly on the rail.
INSTALLATION
Ventilation / Cooling
Normal convection
All sides 25mm free space
For cooling recommended
Connector size range
Screw terminal:
10-24AWG flexible / solid cable,
8 m/m stripping at cable end recommends
Detachable connector:
14-24AWG flexible / solid cable,
7 m/m stripping at cable end recommends
0
100
71
-25
2008.09.23
116.6 [4.59]
7.0 [0.3]
83 [3.27]
7
9
6
1
Vout ADJ.
DC LO
DC ON
- - ++ Rdy
N
L
DRA300
AC INPUT
S
P
83 [3.27]
7
9
6
1
- - ++ Rdy
N
L
DRA300
Vout ADJ.
DC LO
DC ON
S
P
62.5
56


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn