Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA300-24A Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Part # DRA300-24A
Description  AC - DC DIN RAIL MOUNTABLE 300W INDUSTRIAL CONTROL EQUIPMENT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

DRA300-24A Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  DRA300-24A Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. DRA300-24A Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. DRA300-24A Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. DRA300-24A Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.chinfa.com
DRA300 SERIES
PHYSICAL CHARACTERISTICS
123.6 x 83 x 123.6 mm (4.87 x 3.27 x 4.87 inches)
CIRCUIT SCHEMATIC
CASE SIZE
SCREW TERMINAL TYPE
DETACHABLE CONNECTOR TYPE
142 x 83 x 123.6 mm (5.59 x 3.27 x 4.87 inches)
1100g
WEIGHT
Block diagram for DRA300 series
Vo -
Vo +
L
N
Fuse
PWM
Controller
Switching
Device
Filter
Rectifier
Current
Detection
Opto -
Isolation
Output
Level
Detection
Reference &
Error Amp.
Y
Vout
ADJ.
DC ON
(Green LED)
RDY
(Relay Contact)
Note: 1) For 24V Model Only
Smoothing
Circuit
P. F. C.
Circuit
1)
Opto -
Isolation
Over Voltage
Detection
DC LOW
(Red LED)
CE
UL / cUL
TUV
UL508 Listed, UL60950-1 Recognized
EN60950-1
EN61000-6-3, EN55022 class B
EN61000-3-2, EN61000-3-3
EN61000-6-2, EN55024
APPROVALS AND STANDARDS
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
sales@chinfa.com
Single / Parallel
Select
Inrush Current
Limiter,
Rectifier and
Auto Select
115 / 230 Vac
2008.09.23
EN61204-3


Similar Part No. - DRA300-24A

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRA300-24X CHINFA-DRA300-24X Datasheet
374Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - DRA300-24A

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
DRA240-24A CHINFA-DRA240-24A Datasheet
437Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
DRAN30-12A CHINFA-DRAN30-12A Datasheet
350Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 30W INDUSTRIAL CONTROL EQUIPMENT
DRA480-24A CHINFA-DRA480-24A Datasheet
451Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 480W INDUSTRIAL CONTROL EQUIPMENT
DRAN120-12A CHINFA-DRAN120-12A Datasheet
496Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 120W INDUSTRIAL CONTROL EQUIPMENT
AMR5 CHINFA-AMR5 Datasheet
230Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN30 CHINFA-DRAN30 Datasheet
564Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA05 CHINFA-DRA05_11 Datasheet
555Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
BS-DRA240 CHINFA-BS-DRA240 Datasheet
266Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com