Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA18-12 Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Part # DRA18-12
Description  AC - DC DIN RAIL MOUNTABLE 18W CLASS 2 POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

DRA18-12 Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  DRA18-12 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. DRA18-12 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. DRA18-12 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. DRA18-12 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. DRA18-12 Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. DRA18-12 Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.chinfa.com
DRA18 SERIES
DERATING
o
Temperature [ C ]
PIN ASSIGNMENT
PIN NO.
V +
Designation
Description
1
2
3
4
5
Positive output terminal
Negative output terminal
Ground this terminal to minimize high-frequency emissions
Input terminals (neutral conductor, no polarity at DC input)
Input terminals (phase conductor, no polarity at DC input)
Operation indicator LED
DC LOW indicator LED
V -
N
L
ON
LO
Vout ADJ.
Trimmer-potentiometer for Vout adjustment
IND. CONT. EQ.
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
90 x 22.5 x 115 mm 3.6 x 0.89 x 4.53 inches
Plastic
150 g
MECHANISM & PIN CONFIGURATION
mm [inch]
CONSTRUCTION
Easy snap-on mounting onto the DIN-Rail
(TS35/7.5 or TS35/15), unit sits safely and
firmly on the rail; no tools required even to remove
INSTALLATION
Ventilation / Cooling
Normal convection
All sides 25mm free space
For cooling recommended
Connector size range
2
Solid:0.2-2.0mm (AWG24-14)
(use copper conductors only)
115 [4.53]
V+
DC Output
LO
ON
Vout ADJ.
2 1
1
3 4 5
N
22.5[0.89]
V-
L
sales@chinfa.com
0
100
71
-25
70
61
2008.08.19


Similar Part No. - DRA18-12

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRA18-12 CHINFA-DRA18-12 Datasheet
548Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA18-12 CHINFA-DRA18-12 Datasheet
365Kb / 5P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA18-12A CHINFA-DRA18-12A Datasheet
365Kb / 5P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - DRA18-12

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRA05-05 CHINFA-DRA05-05 Datasheet
409Kb / 6P
   AC - DC DIN RAIL MOUNTABLE 5W CLASS 2 POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA10-05 CHINFA-DRA10-05 Datasheet
403Kb / 6P
   AC - DC DIN RAIL MOUNTABLE 10W CLASS 2 POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
AMR5 CHINFA-AMR5 Datasheet
230Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN30 CHINFA-DRAN30 Datasheet
564Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA05 CHINFA-DRA05_11 Datasheet
555Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
BS-DRA240 CHINFA-BS-DRA240 Datasheet
266Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
BS-DRAN120 CHINFA-BS-DRAN120 Datasheet
301Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE120 CHINFA-DRE120 Datasheet
472Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
BS-DRAN30 CHINFA-BS-DRAN30 Datasheet
294Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA05 CHINFA-DRA05_15 Datasheet
365Kb / 5P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com