Electronic Components Datasheet Search |
|
DRAN120-12A Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd. |
|
DRAN120-12A Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd. |
3 / 4 page www.chinfa.com DRAN120 SERIES CE UL / cUL TUV UL508 Listed, UL60950-1 Recognized EN60950-1 EN61000-6-3, EN55022 class B, EN61000-3-2, EN61000-3-3 EN61000-6-2, EN55024 APPROVALS AND STANDARDS o All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed SPECIFICATION sales@chinfa.com CIRCUIT SCHEMATIC Block diagram for DRAN120 series Vo - Vo + L N Fuse PWM Controller Switching Device Filter Inrush Current Limiter, Rectifier and Auto Select 115 / 230 Vac Rectifier Current Detection Opto - Isolation Output Level Detection Reference & Error Amp. Y Vout ADJ. DC ON (Green LED) (Relay Contact) Smoothing Circuit P. F. C. Circuit Opto - Isolation Over Voltage Detection DC LOW (Red LED) Over voltage protection Vi nom, Io nom Characteristics Conditions min. typ. max. unit Rated over load protection Input fuse 105 125 % T3.15A / 250VAC internal Vi nom 125 145 Output short circuit Vi nom, Io nom % Current limited PHYSICAL CHARACTERISTICS CASE SIZE SCREW TERMINAL TYPE 920g WEIGHT CONTROL AND PROTECTION 123.6 x 63.2 x 123.6 mm 4.87 x 2.49 x 4.87 inches 2008.03.28 FOR DC BACKUP SYSTEM |
Similar Part No. - DRAN120-12A |
|
Similar Description - DRAN120-12A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |