Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA480-48A Datasheet(PDF) 2 Page - Chinfa Electronics Ind. Co., Ltd.

Part # DRA480-48A
Description  AC - DC DIN RAIL MOUNTABLE 480W INDUSTRIAL CONTROL EQUIPMENT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

DRA480-48A Datasheet(HTML) 2 Page - Chinfa Electronics Ind. Co., Ltd.

  DRA480-48A Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. DRA480-48A Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. DRA480-48A Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. DRA480-48A Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
sales@chinfa.com
DRA480 SERIES
Over voltage protection
Vi nom, Io nom
Characteristics
Conditions
min.
typ.
max.
unit
Rated over load protection
120
140
%
Vi nom
Power Rdy
(for 24V model only)
Threshold voltage of contact closed(at start up)
Electrical isolation
Contact rating at 60VDC
17.6
500
19.4
0.3
Output short circuit
Vi nom
CONTROL AND PROTECTION
VDC
VDC
A
Current limited
Characteristics
Conditions
min.
unit
Vi nom, Io max
typ.
max.
+ 1
%
%
Minimum load
Line regulation
Vi nom
-0
16
%
%
Load regulation
Temperature coefficient
Ripple & noise
0.5
o
% / C
0.02
mV
100
Io nom, Vi min ...Vi max
Vi nom, Io nom,BW = 20MHz
Vi nom, Io nom
Hold up time
Vi nom, Io min
24V models
48V models
30
22.5
47
DC ON indicator
threshold at start up
Vi nom, Io nom
ms
56
28.5
Voltage trim range
%
0.5
%
%
Vi nom,
Io min ...Io nom
DC LOW indicator
threshold after start up
Output voltage accuracy
(Adjusted before shipment)
single mode
parallel mode
Vi nom, Io nom
Vi nom, Io nom
24V models
48V models
24V models
48V models
0.9 Io max
0
17.6
37
17.6
37
5
19.4
40
19.4
40
3
VDC
VDC
VDC
VDC
unit
VDC
VDC
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
Io nom
Rated input voltage
Ta min ... Ta max,
Io nom
90
120
www.chinfa.com
P. F. C.
Vi : 230VAC, Io nom
0.99
Line frequency
Inrush current
Vi nom, Io nom
47
Vi nom, Io nom
Io nom
Rated input current
230
Vi nom, Io nom, Po / Pi
Up to 90%, See model list
Efficiency
Parallel operation
24V models
48V models
30
57
33
63
V
V
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
DC IN
AC IN
Vi : 115VAC
Vi : 230VAC
7
264
VAC
VAC
370
VDC
63
25
Hz
A
A
3.5
A
Vi : 115VAC
Vi : 230VAC
50
A
Input fuse
10A / 250VAC internal
115 / 230
2008.08.19


Similar Part No. - DRA480-48A

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRA480-48A CHINFA-DRA480-48A Datasheet
361Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - DRA480-48A

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WRA480-24 CHINFA-WRA480-24 Datasheet
365Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE 480W INDUSTRIAL CONTROL EQUIPMENT
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
DRA240-24A CHINFA-DRA240-24A Datasheet
437Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
DRA300-24A CHINFA-DRA300-24A Datasheet
443Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 300W INDUSTRIAL CONTROL EQUIPMENT
DRAN30-12A CHINFA-DRAN30-12A Datasheet
350Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 30W INDUSTRIAL CONTROL EQUIPMENT
DRAN120-12A CHINFA-DRAN120-12A Datasheet
496Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 120W INDUSTRIAL CONTROL EQUIPMENT
AMR5 CHINFA-AMR5 Datasheet
230Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN30 CHINFA-DRAN30 Datasheet
564Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA05 CHINFA-DRA05_11 Datasheet
555Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com