Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP1356SB1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP1356SB1
Description  IR Receiver Modules for Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1356SB1 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP1356SB1 Datasheet HTML 1Page - Vishay Siliconix TSOP1356SB1 Datasheet HTML 2Page - Vishay Siliconix TSOP1356SB1 Datasheet HTML 3Page - Vishay Siliconix TSOP1356SB1 Datasheet HTML 4Page - Vishay Siliconix TSOP1356SB1 Datasheet HTML 5Page - Vishay Siliconix TSOP1356SB1 Datasheet HTML 6Page - Vishay Siliconix TSOP1356SB1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VISHAY
TSOP13..SB1
Document Number 82026
Rev. 6, 15-Oct-2002
Vishay Semiconductors
www.vishay.com
5
data stream. This gap time should be at least 6 times
longer than the burst.
• Up to 1000 short bursts per second can be received
continuously.
Some examples for suitable data format are: NEC
Code, Toshiba Micom Format, Sharp Code, RC5
Code, RC6 Code, R-2000 Code, RECS-80 Code.
When a
disturbance signal is applied
to
the
TSOP13..SB1 it can still receive the data signal. How-
ever the sensitivity is reduced to that level that no
unexpected pulses will occure.
Some examples for such disturbance signals which
are suppressed by the TSOP13..SB1 are:
• DC light (e.g. from tungsten bulb or sunlight)
• Continuous signal at 38 kHz or at any other fre-
quency
• Signals from fluorescent lamps with electronic bal-
last with high or low modulation ( see Figure 14 or Fig-
ure 15 ).
Figure 14. IR Signal from Fluorescent Lamp with low Modulation
0
5
10
15
20
Time ( ms )
16920
IR Signal from fluorescent
lamp with low modulation
Figure 15. IR Signal from Fluorescent Lamp with high Modulation
0
5
10
15
20
Time ( ms )
16921
IR Signal from fluorescent
lamp with high modulation


Similar Part No. - TSOP1356SB1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1356 VISHAY-TSOP1356 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 6, 29-Mar-01
TSOP1356KA1 VISHAY-TSOP1356KA1 Datasheet
198Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 5, 15-Oct-2002
TSOP1356TB1 VISHAY-TSOP1356TB1 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 29-Mar-01
More results

Similar Description - TSOP1356SB1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com