Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1871IMS-1-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1871IMS-1-PBF
Description  Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871IMS-1-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1871IMS-1-PBF Datasheet HTML 4Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 5Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 6Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 7Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 8Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 9Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 10Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 11Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC1871-1
8
18711fb
OPERATION
Figure 2. Using the SENSE Pin On the LTC1871-1
Main Control Loop
The LTC1871-1 is a constant frequency, current mode
controller for DC/DC boost, SEPIC and flyback converter
applications. The LTC1871-1 is distinguished from con-
ventional current mode controllers because the current
control loop can be closed by sensing the voltage drop
across the power MOSFET switch instead of across a
discrete sense resistor, as shown in Figure 2. This sensing
technique improves efficiency, increases power density,
and reduces the cost of the overall solution.
which causes the current comparator C1 to trip at a higher
peak inductor current value. The average inductor current
will therefore rise until it equals the load current, thereby
maintaining output regulation.
The nominal operating frequency of the LTC1871-1 is
programmed using a resistor from the FREQ pin to ground
and can be controlled over a 50kHz to 1000kHz range. In
addition, the internal oscillator can be synchronized to
an external clock applied to the MODE/SYNC pin and can
be locked to a frequency between 100% and 130% of its
nominal value. When the MODE/SYNC pin is left open, it
is pulled low by an internal 50k resistor and Burst Mode
operation is enabled. If this pin is taken above 2V or an
external clock is applied, Burst Mode operation is disabled
and the IC operates in continuous mode. With no load (or
an extremely light load), the controller will skip pulses in
order to maintain regulation and prevent excessive output
ripple.
The RUN pin controls whether the IC is enabled or is in a low
current shutdown state. A micropower 1.248V reference
and comparator C2 allow the user to program the supply
voltage at which the IC turns on and off (comparator C2
has 100mV of hysteresis for noise immunity). With the
RUN pin below 1.248V, the chip is off and the input supply
current is typically only 10μA.
An overvoltage comparator OV senses when the FB pin
exceeds the reference voltage by 6.5% and provides a
reset pulse to the main RS latch. Because this RS latch is
reset-dominant, the power MOSFET is actively held off for
the duration of an output overvoltage condition.
The LTC1871-1 can be used either by sensing the voltage
drop across the power MOSFET or by connecting the
SENSE pin to a conventional shunt resistor in the source
of the power MOSFET, as shown in Figure 2. Sensing the
voltage across the power MOSFET maximizes converter
efficiency and minimizes the component count, but limits
the output voltage to the maximum rating for this pin (36V).
By connecting the SENSE pin to a resistor in the source
of the power MOSFET, the user is able to program output
voltages significantly greater than 36V.
COUT
VSW
VSW
2a. SENSE Pin Connection for
Maximum Efficiency (VSW < 36V)
VOUT
VIN
GND
L
D
+
COUT
RS
18711 F02
2b. SENSE Pin Connection for Precise
Control of Peak Current or for VSW > 36V
VOUT
VIN
GND
L
D
+
GATE
GND
VIN
SENSE
GATE
GND
VIN
SENSE
For circuit operation, please refer to the Block Diagram of
the IC and Figure 1. In normal operation, the power MOSFET
is turned on when the oscillator sets the PWM latch and
is turned off when the current comparator C1 resets the
latch. The divided-down output voltage is compared to an
internal 1.230V reference by the error amplifier EA, which
outputs an error signal at the ITH pin. The voltage on the
ITH pin sets the current comparator C1 input threshold.
When the load current increases, a fall in the FB voltage
relative to the reference voltage causes the ITH pin to rise,


Similar Part No. - LTC1871IMS-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results

Similar Description - LTC1871IMS-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871_15 Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871EMS-7 LINER-LTC1871EMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost,
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7 Datasheet
455Kb / 32P
   High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com