Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM020100 Datasheet(PDF) 1 Page - celduc-relais

Part # SOM020100
Description  MOSFET BASED DC SOLID-STATE RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SOM020100 Datasheet(HTML) 1 Page - celduc-relais

  SOM020100 Datasheet HTML 1Page - celduc-relais SOM020100 Datasheet HTML 2Page - celduc-relais SOM020100 Datasheet HTML 3Page - celduc-relais SOM020100 Datasheet HTML 4Page - celduc-relais SOM020100 Datasheet HTML 5Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Proud to serve you
Proud to serve you
Proud to serve you
Proud to serve you
Data given at Tambient=25°C and subject to modification without previous notice
celduc®
r
e
l
a
i
s
celduc®
r
e
l
a
i
s
S/CON/SOM020100/A/08/12/05
PRELIMINARY DATA
Page 1/5 UK
MOSFET BASED
DC SOLID-STATE RELAY
SOM020100
Control voltage
range
3.5-32VDC
Max. permanent
output voltage
60VDC
Latest MOSFET technology generation.
Ultra low on-state resistance.
Low output leakage current.
Low control current consumption.
Built-in overvoltage protection
Reverse protected triggered control input to avoid linear control
risks
No radiated or conducted disturbances
Touch protected housing IP20
Max. load current
with heatsink
20ADC
Load voltage
range
Load current
range
Control input
voltage range
In & case / Out
Insulation
Connexions
Dimensions
(WxHxD)
Weight
5-60VDC
Up to 20A
(with heatsink)
3.5-32VDC
2.5kV
Screw terminals
45 x 58.5 x 30
80g
Fig. 1
HIGH SIDE WIRING DIAGRAM
(Load connected to “-“)
Fig. 2
LOW SIDE WIRING DIAGRAM
(Load connected to “+”)
See Instruction
sheet to select the
right protective
components
The red paths
(C1/D2) must be
as short as
possible !
See Instruction
sheet to select
the right
protective
components
The red
paths (C1/D2)
must be as
short as
possible !
Fig. 3
INTERNAL DIAGRAM


Similar Part No. - SOM020100

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOM020200 CELDUC-SOM020200 Datasheet
368Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SOM02060 CELDUC-SOM02060 Datasheet
368Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
More results

Similar Description - SOM020100

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOM020200 CELDUC-SOM020200 Datasheet
368Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SOM040200 CELDUC-SOM040200 Datasheet
370Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SCM040600 CELDUC-SCM040600 Datasheet
325Kb / 5P
   MOSFET BASED DC SOLID STATE RELAY
SOM04060 CELDUC-SOM04060 Datasheet
370Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SOM02060 CELDUC-SOM02060 Datasheet
368Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SOM06075 CELDUC-SOM06075 Datasheet
390Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SCM030200 CELDUC-SCM030200 Datasheet
307Kb / 5P
   MOSFET BASED DC SOLID STATE RELAY
SCM015075 CELDUC-SCM015075 Datasheet
352Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SOM040100 CELDUC-SOM040100 Datasheet
369Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SCM0100200 CELDUC-SCM0100200 Datasheet
245Kb / 5P
   MOSFET BASED DC SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com